Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics VNF9Q20F Datasheet HTML 10Page - STMicroelectronics VNF9Q20F Datasheet HTML 11Page - STMicroelectronics VNF9Q20F Datasheet HTML 12Page - STMicroelectronics VNF9Q20F Datasheet HTML 13Page - STMicroelectronics VNF9Q20F Datasheet HTML 14Page - STMicroelectronics VNF9Q20F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
Table 7. Frame 1 (write CTRL 0x4800) - Normal mode to pre-standby mode
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD
OC1
OC0
Address
0
0
0
1
0
1
0
0
DATA1
GOSTBY
UNLOCK
Not Used
Not Used
EN
PWM_TRIG
Not Used
Not Used
0
1
0
0
1
0
0
0
DATA2
LOCKbit 5
LOCKbit 4
LOCKbit3
LOCKbit2
LOCKbit1
LOCKbit0
PWMSYNC
Parity
0
0
0
0
0
0
0
0
Table 8. Frame 2 (write CTRL 0x8000)–Normal mode to pre-standby mode
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD
OC1
OC0
Address
0
0
0
1
0
1
0
0
DATA1
GOSTBY
UNLOCK
Not Used
Not Used
EN
PWM_ TRIG
Not Used
Not Used
1
0
0
0
0
0
0
0
DATA2
LOCKbit 5
LOCKbit 4
LOCKbit3
LOCKbit2
LOCKbit1
LOCKbit0
PWMSYNC
Parity
0
0
0
0
0
0
0
0
Figure 4. Channel state diagram (CCM)
Capacitive charging mode
Disabled
Capacitive charging mode
Enabled
From normal mode:
• setting EXIT_CAPCRx bit in SOCR
register whenever within tCCM_DIS time
• Automatically after t
CCM_DIS
time elapsed
From fail-safe mode:
• Automatically after t
CCM_DIS
time elapsed
From normal mode:
• CAPCRx = 1 (SOCR register)
From fail-safe mode:
• MCUext = 1 AND after 5 consecutive rising
edges on DIx pins within tCCM_EN (channels
• MCUext = 0 AND after 5 consecutive rising
according to DIx OTP configuration).
edges on DI1 pin within tCCM_EN (relevant
channels according to OTP programming)
– Device can be in normal or
fail-safe mode
– Device can be in normal or
fail-safe mode
VNF9Q20F
Functional description
DS13909 - Rev 6
page 11/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com