Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 83 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 83 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 79Page - STMicroelectronics VNF9Q20F Datasheet HTML 80Page - STMicroelectronics VNF9Q20F Datasheet HTML 81Page - STMicroelectronics VNF9Q20F Datasheet HTML 82Page - STMicroelectronics VNF9Q20F Datasheet HTML 83Page - STMicroelectronics VNF9Q20F Datasheet HTML 84Page - STMicroelectronics VNF9Q20F Datasheet HTML 85Page - STMicroelectronics VNF9Q20F Datasheet HTML 86Page - STMicroelectronics VNF9Q20F Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
Table 67. CCM–Capacitive loads charging mode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ICCM
Charging Current
CCM enabled
Device in normal or Fail-safe mode
-
0.4*ILIMH
-
A
tCCM_DIS
Timing needed to leave capacitive charging
mode
-
100
-
ms
tCCM_EN
Timing needed to enter capacitive charging
mode
-
250
µs
∆TPLIM_CCM
Junction-case temperature difference
triggering power limitation
VCC = 16 V
-
35
-
°C
CMAX
Max. capacitive load
VCC = 16 V, TJ = 85 °C,
tCMAX = 50 ms, ESR = 80 mΩ
-
2.2
-
mF
VCC = 16 V, TJ = 85 °C,
tCMAX = 75 ms, ESR = 80 mΩ
-
2*2.2
-
VNF9Q20F
Electrical specifications
DS13909 - Rev 6
page 83/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com