Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 2 Page - STMicroelectronics

  VNF9Q20F Datasheet HTML 1Page - STMicroelectronics VNF9Q20F Datasheet HTML 2Page - STMicroelectronics VNF9Q20F Datasheet HTML 3Page - STMicroelectronics VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
The device is protected against voltage transients on the VCC pin. Programming, control, and diagnostics are
implemented via the SPI bus. A digital current sense feedback for each channel is provided through an integrated
10-bit ADC. Dedicated trimming bits allow adjusting the ADC reference current.
The device is equipped with 4 outputs controllable via SPI or 2-OTP assignable direct inputs. Real-time diagnostic
is available through the SPI bus (open-load, output short to VCC, overtemperature, communication error, power
limitation or latch off). The device detects open-load in OFF-state conditions.
The VNF9Q20F embeds the STMicroelectronics proprietary I²t functionality, featuring an intelligent circuit breaking
aimed at protecting PCB traces, connectors and wire harness from overheating, with no impact on load transients
like inrush currents and capacitance charging. This function is set by two parameters called INOM and tNOM: there
are 3 dedicated bits, per each parameter, to set respectively INOM (nominal current) and tNOM (nominal timing).
The I²t curve parameters can be individually set per each channel.
The VNF9Q20F can limit the dissipated power to a safe level up to thermal shutdown intervention. Thermal
shutdown can be configured as latched off or programmable time limited auto restart.
The output current limitation protects the device in case of overload.
The device enters a fail-safe mode in case of communication loss with the microcontroller, reset of digital memory
or watchdog monitoring time-out event. In fail-safe mode, the 4 outputs can be directly controlled by dedicated,
assignable direct inputs.
It is also possible to configure the VNF9Q20F in parallel mode (CH0//CH1 only) through a dedicated OTP bit.
The VNF9Q20F features an operative condition called capacitive charging mode (CCM), which is available in both
fail-safe and normal device states and with channels configured in bulb mode.
VNF9Q20F
DS13909 - Rev 6
page 2/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com