Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 43 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 39Page - STMicroelectronics VNF9Q20F Datasheet HTML 40Page - STMicroelectronics VNF9Q20F Datasheet HTML 41Page - STMicroelectronics VNF9Q20F Datasheet HTML 42Page - STMicroelectronics VNF9Q20F Datasheet HTML 43Page - STMicroelectronics VNF9Q20F Datasheet HTML 44Page - STMicroelectronics VNF9Q20F Datasheet HTML 45Page - STMicroelectronics VNF9Q20F Datasheet HTML 46Page - STMicroelectronics VNF9Q20F Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
CTRL
Control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
-
R/W
R
-
R/W
W
R
Address:
0x14h
Type:
R/W
Reset:
0
Description:
Control register
[15]
Go to standby.
It is necessary to perform 2 write accesses to enter standby:
1. Write UNLOCK = 1
2. Write GOSTBY = 1 and EN = 0
[14]
Unlock bit.
UNLOCK bit allows protected SPI transactions. It means that the next SPI communication will automatically clear this bit and
prevent any change of protected data (like slope control or Bulb/Led mode for example). As a consequence, modifying a
protected data requires to set UNLOCK bit in a first communication and write the protected data during the next
communication.
[13:12]
-
[11]
Enter normal mode
1 - normal mode
0 - fail-safe mode
To enter normal mode:
• Write UNLOCK = 1
• Write EN = 1
Note:
UNLOCK bit allows protected SPI transactions. Then, the next SPI communication will automatically clear
this bit and prevent any change of protected data (like slope control or Bulb/Led mode for example). As a
consequence, modifying a protected data requires to set UNLOCK bit in a first communication and write the
protected data with the next communication.
[10]
PWM_TRIG: PWM triggering mode
0: PWM trigger according to the rising edge of PWM period and phase shift configuration
1: PWM trigger according to the falling edge of PWM period and phase shift configuration
[9:8]
-
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 43/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com