Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 84 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 84 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 80Page - STMicroelectronics VNF9Q20F Datasheet HTML 81Page - STMicroelectronics VNF9Q20F Datasheet HTML 82Page - STMicroelectronics VNF9Q20F Datasheet HTML 83Page - STMicroelectronics VNF9Q20F Datasheet HTML 84Page - STMicroelectronics VNF9Q20F Datasheet HTML 85Page - STMicroelectronics VNF9Q20F Datasheet HTML 86Page - STMicroelectronics VNF9Q20F Datasheet HTML 87Page - STMicroelectronics VNF9Q20F Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
10.8
Parallel mode
7 V < VCC < 28 V; -40 °C < TJ < 150 °C, unless otherwise specified
Table 68. Parallel–Power Section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RON
ON-state resistance
IOUT = 5 A; TJ = 25 °C
-
10
mΩ
IOUT = 5 A; TJ = 150 °C
-
22
mΩ
IOUT = 2 A; VCC = 3.2 V
(in cranking mode)
-
100
mΩ
IOUT = 5 A; VCC = 4 V; TJ = 25 °C
-
18.5
mΩ
Table 69. Parallel–Switching (VCC = 13 V)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Δtdon
Turn-on delay time at TJ = 25°C to 150 °C
Fail-safe mode, parallel mode,
from DIx rising to 20%VOUT,
RL0 = 5.2 Ω; RL1 = 5.2 Ω,
SLOPECRx = 00,
SLOPECRx = 01,
SLOPECRx = 10,
SLOPECRx = 11
-
0
-
µs
Δtdoff
Turn-off delay time at TJ = 25°C to150 °C
Fail-safe mode, parallel mode,
from DIx falling to 80%VOUT,
RL0 = 5.2 Ω, RL1 = 5.2 Ω
SLOPECRx = 00,
SLOPECRx = 01,
SLOPECRx = 10,
SLOPECRx = 11
-
0
-
µs
Δtskew
Turn-off turn-on time at TJ = 25°C to150 °C
Differential pulse skew,
RL0 = 5.2 Ω; RL1 = 5.2 Ω,
SLOPECRx = 00,
SLOPECRx = 01,
SLOPECRx = 10,
SLOPECRx = 11
-
0
-
µs
Δ(dVOUT/dt)on
Turn-on voltage slope at TJ = 25°C to150 °C
From VOUT = 2.6 V to 7.8 V,
RL0 = 5.2 Ω; RL1 = 5.2 Ω,
SLOPECRx = 00,
SLOPECRx = 01,
SLOPECRx = 10
SLOPECRx = 11
-
0
-
V/µs
Δ(dVOUT/dt)off
Turn-off voltage slope at TJ = 25°C to150 °C
From VOUT = 10.4 V to 5.2 V,
RL0 = 5.2 Ω; RL1 = 5.2 Ω,
SLOPECRx = 00,
SLOPECRx = 01,
SLOPECRx = 10,
SLOPECRx = 11
-
0
-
V/µs
VNF9Q20F
Electrical specifications
DS13909 - Rev 6
page 84/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com