Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics VNF9Q20F Datasheet HTML 10Page - STMicroelectronics VNF9Q20F Datasheet HTML 11Page - STMicroelectronics VNF9Q20F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Operating mode
Entering conditions
Leaving conditions
Characteristics
1st communication frame:
• UNLOCK bit = 1 AND EN bit =1
2nd communication frame:
• GOSTBY bit = 1 AND EN bit = 0
This procedure avoids entering
the pre-standby mode
unintentionally.
• Harness protection: available for all channels.
The channels are configured in latch mode;
• Reset bit = 0
• Regular toggling of WDTB is necessary within
timeout period tWDTB
Pre-standby mode
• If it is in fail-safe mode AND
STDBY_NOT low AND (CSN high
OR VDD < VDD_TH) for a time t >
tprestdby
• If it is in normal mode AND the
SPI sends the following
sequence:
1st communication frame:
• UNLOCK = 1 AND EN = 1
2nd communication frame:
• GOSTBY = 1 AND EN = 0
(It is recommended to set also
UNLOCK = 0, in this second
frame). This procedure avoids
entering the pre-standby mode
unintentionally.
To fail-safe mode:
If STDBY_NOT = 1 OR (CSN low
and VDD > VDD_TH)
To standby mode:
If STDBY_NOT = 0 AND (CSN
high or VDD < VDD_TH) AND all I²t
counters = 0 and tstdby elapsed
To sleep mode:
VREG < VREG_POR_L
• Outputs: OFF
• SPI: active
• Diagnostic: available
• Registers: read/write is allowed
• Protections: active
• I²t counters decreasing and tstdby timer running
Capacitive
charging mode
(CCM): this is not
device operating
mode, but channel
specific operating
mode
From fail-safe mode:
• If MCUext = 1 AND after 5
consecutive rising edges on DIx
pins within tCCM_EN, the
corresponding channels will enter
CCM, according to DIx OTP
configuration.
• If MCUext = 0 AND after 5
consecutive rising edges on DI1
pin within tCCM_EN, according to
OTP programming, relevant
channels will enter CCM.
From normal mode:
• Set CAPCRx bit in SOCR
register.
• Automatically after tCCM_DIS time
frame in both fail-safe and normal
states.
• In normal mode, also through a
SPI frame, setting EXIT_CAPCRx
bit in SOCR register whenever
within tCCM_DIS time frame
• Harness protections: disabled
• LED mode: disabled
• SPI: active
• Latch-OFF delay time (tD_RESTART) after TSD
event is disabled
• Related parameters reported in Table 67
Battery
undervoltage:
transition phase
(not device
operating mode)
Any mode: VCC < VUSD
If VDD present AND
VREG > VREG_POR_H
• Digital current-sense diagnostic:
not available
• Output stages are off regardless SPI or DIx
status
• SPI: active
• Diagnostic: available
• Registers: reading is possible
• VCCUV flag set, SPI registers content retained
If VCC > VUSD + VUSDhyst, the device comes
back to the last mode and the VCCUV flag is
cleared.
If VREG < VREG_POR_L during VCC increasing,
the device is reset: the last operation mode is
lost, the logic part is unpowered and the device
enters Standby mode as soon as VCC > VUSD +
VUSDhyst.
VNF9Q20F
Functional description
DS13909 - Rev 6
page 8/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com