Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics VNF9Q20F Datasheet HTML 10Page - STMicroelectronics VNF9Q20F Datasheet HTML 11Page - STMicroelectronics VNF9Q20F Datasheet HTML 12Page - STMicroelectronics VNF9Q20F Datasheet HTML 13Page - STMicroelectronics VNF9Q20F Datasheet HTML 14Page - STMicroelectronics VNF9Q20F Datasheet HTML 15Page - STMicroelectronics VNF9Q20F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
3
Protections
3.1
Thermal case temperature monitoring and pre-warning
Case-temperature is constantly monitored via a 10-bit ADC converter and data is available in the dedicated status
register (thermal sensor voltage register, address 0x31h).
Three different thermal warnings TW1, TW2, TW3 will be mirrored in all the OUTSRx status registers (addresses
from 0x20h to 0x23h), referring to 120 ºC, 130 ºC and 140 ºC frame temperature thresholds, respectively. On top
of that, the content of TW1 bit is reflected in the Global Status Byte (bit1 – TCASE). This bit is set if the frame
temperature is greater than the threshold (120 ºC) and can be used as a global temperature pre-warning. The bit
is cleared automatically when the frame temperature drops below the case-temperature reset threshold (TCR1).
3.2
Junction Overtemperature (OT)
If the junction temperature of a channel rises above the shutdown temperature TTSD, an overtemperature (OT)
event is detected.
The channel is switched OFF and the corresponding bit in the Address OUTSRx register - Channel Feedback
Status Register (CHFBSR) is set. As a consequence, the thermal shutdown bit (TSD/PL, bit 4) in the Global
Status Byte and the Global Error Flag are set.
In Normal Mode, each output channel can be either set in latched OFF or time limited auto-restart operation in
case of a junction over temperature event.
•
In latched OFF operation: the output remains switched OFF until the junction temperature falls below the
reset threshold TR. In order to restart the channel, after elapsing of restart delay time (tD_RESTART), the
MCU shall reset the latch-off event by refreshing the programmed value in the dedicated register
(CHLOFFTCR1 or CHLOFFTCR0). The action will clear the corresponding CHLOFFSR bit in Output Status
Register OUTSRx and the bit 4 (TSD/PL bit) in the Global Status Byte.
•
In time limited auto-restart operation: during the programmed time, the output is switched off as described
and switches on again automatically when the junction temperature falls below the reset temperature TR
and restart delay time (tD_RESTART) is elapsed. In order to allow asynchronous diagnostic, the status bit is
latched during OFF state of the channel and it is automatically cleared when the junction temperature falls
below the thermal reset temperature (TRS) of OT detection. It has to be mentioned that the time limited
autorestart (tBLANKING) and restart delay time (tD_RESTART) are contemporarily running, so in case
tBLANKING is programmed with a smaller value as tD_RESTART the channel will stay latched-off after the first
OT intervention. After the programmed time has elapsed, the output remains switched OFF and acts as
latch-off mode.
In Fail Safe mode the channel works in auto-restart mode with restart delay time tD_RESTART after each OT event.
Figure 5. Normal mode, short circuit - Programmable Blanking Window (PBW) > tD_RESTART
Iout
OTDIFF_DIAG
OT_DIAG
Latch Off delay→ fixed time window
Power Limitation
ILIMH
Power Limitation
TPBW > TLOFF
Channel is permanently latched off due to PBW function
Latch Off
Latch Off
PBW delay → time window related to parameter in CHLOFFTCR register
OT_FAULT
counter is active
counter is inactive
counter is active
ILIMH
VNF9Q20F
Protections
DS13909 - Rev 6
page 12/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com