Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 23 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 19Page - STMicroelectronics VNF9Q20F Datasheet HTML 20Page - STMicroelectronics VNF9Q20F Datasheet HTML 21Page - STMicroelectronics VNF9Q20F Datasheet HTML 22Page - STMicroelectronics VNF9Q20F Datasheet HTML 23Page - STMicroelectronics VNF9Q20F Datasheet HTML 24Page - STMicroelectronics VNF9Q20F Datasheet HTML 25Page - STMicroelectronics VNF9Q20F Datasheet HTML 26Page - STMicroelectronics VNF9Q20F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
Table 14. Command byte
MSB
LSB
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 15. Input data byte 1
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 16. Input data byte 2
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0(1)
1. D0 is the parity bit.
SDO format during each communication frame starts with a specific byte called Global Status Byte (see GSB byte
for more details of bit0-bit7). This byte is followed by two output data bytes (D15:D8) and (D7:D0).
Table 17. Global status byte
MSB
LSB
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Table 18. Output data byte 1
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 19. Output data byte 2
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
4.2.2
Operating code definition
The SPI interface features four different addressing modes which are listed in Table 20:
Table 20. Operating codes
OC1
OC0
Meaning
0
0
Write operation
0
1
Read operation
1
0
Read and clear status operation
1
1
Read device information
Write mode
The write mode of the device allows to write the content of the input data byte into the addressed register (see list
of registers in Table 25). Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first.
During the same sequence the outgoing data are shifted out MSB first on the falling edge of the CSN pin and the
subsequent bits on the falling edge of the serial clock (SCK). The first byte corresponds to the Global Status Byte
and the second to the previous content of the addressed register.
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 23/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com