Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 4 Page - STMicroelectronics

  VNF9Q20F Datasheet HTML 1Page - STMicroelectronics VNF9Q20F Datasheet HTML 2Page - STMicroelectronics VNF9Q20F Datasheet HTML 3Page - STMicroelectronics VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
Table 1. Pin functionality description
Pin #
Name
Function
TAB
VCC
Battery connection: this is the backside TAB and is the direct connection to drain Power
MOSFET switches. It is also used for the connection to the drain of the external Power
MOSFET used for reverse battery protection.
1, 2, 5-8, 20,
23, 24-26, 31,
32
N.C.
Not connected pin.
3, 4
OUTPUT2
Power OUTPUT 2: direct connection to the source Power MOSFET channel 2.
9, 10
DI0, DI1
Direct input: direct control for OUTx in limp-home mode. Configurable as OR combination
with the relevant SPI OUTx control bit in normal mode.
11
PWM_CLK
External clock of PWM engine.
12
CSN
Chip select not (active low): it is the selection pin of the device. It is a CMOS compatible
input.
13
SCK
Serial clock: it is a CMOS compatible input.
14
SDI
Serial data input: transfers data to be written serially into the device on the SCK rising edge.
15
SDO
Serial data output: transfers data serially out of the device on the SCK falling edge.
16
VDD
DC supply input for the SPI interface. 3.3 V and 5 V compatible.
17
GND
Ground connection: this pin serves as the ground connection for the logic part of the device.
18
VREG
DC output of internal preregulator (4.7 V) generated from VCC to supply VREG pin and digital
control circuit.
Connect a low ESR capacitor (2 μF) in series with a resistor (120 Ω) close to this pin
referenced to device ground.
19
STDBY_NOT Standby mode enabler (active Low).
21, 22
OUTPUT3
Power OUTPUT 3: direct connection to the source Power MOSFET channel 3.
27, 28
OUTPUT0
Power OUTPUT 0: direct connection to the source Power MOSFET channel 0.
29, 30
OUTPUT1
Power OUTPUT 1: direct connection to the source Power MOSFET channel 1.
VNF9Q20F
Block diagram and pin description
DS13909 - Rev 6
page 4/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com