Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 52 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 48Page - STMicroelectronics VNF9Q20F Datasheet HTML 49Page - STMicroelectronics VNF9Q20F Datasheet HTML 50Page - STMicroelectronics VNF9Q20F Datasheet HTML 51Page - STMicroelectronics VNF9Q20F Datasheet HTML 52Page - STMicroelectronics VNF9Q20F Datasheet HTML 53Page - STMicroelectronics VNF9Q20F Datasheet HTML 54Page - STMicroelectronics VNF9Q20F Datasheet HTML 55Page - STMicroelectronics VNF9Q20F Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
ITCNTSR
I²t counter status register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
Address:
0x35h
Type:
R
Reset:
0
Description:
I²t counter status register
[15:13]
-
[12:10]
I²t counter status for channel 3:
000 → [0%: 12.5%]
001 → [12.5%: 25%]
…
111 → [87.5%: 100%]
[9:7]
I²t counter status for channel 2:
000 → [0%: 12.5%]
001 → [12.5%: 25%]
…
111 → [87.5%: 100%]
[6:4]
I²t counter status for channel 1:
000 → [0%: 12.5%]
001 → [12.5%: 25%]
…
111 → [87.5%: 100%]
[3:1]
I²t counter status for channel 0:
000 → [0%: 12.5%]
001 → [12.5%: 25%]
…
111 → [87.5%: 100%]
[0]
Parity bit
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 52/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com