Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 14Page - STMicroelectronics VNF9Q20F Datasheet HTML 15Page - STMicroelectronics VNF9Q20F Datasheet HTML 16Page - STMicroelectronics VNF9Q20F Datasheet HTML 17Page - STMicroelectronics VNF9Q20F Datasheet HTML 18Page - STMicroelectronics VNF9Q20F Datasheet HTML 19Page - STMicroelectronics VNF9Q20F Datasheet HTML 20Page - STMicroelectronics VNF9Q20F Datasheet HTML 21Page - STMicroelectronics VNF9Q20F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Table 12. FIXED_DROP table
FIXED_DROP(m)
IOUT range
16
0.25*INOM ÷ 0
8
0.5*INOM ÷ 0.25*INOM
4
0.75*INOM ÷ 0.5*INOM
1
INOM ÷ 0.75*INOM
The concept of up and down-counting for RMS current control is illustrated in the figure below:
Figure 10. I²t counter with varying INOM latch and unlatch
Inom
Counter Max
Unlatch by
SPI or DIN
SOCRx,
DINx
I²t latch
IOUT
I²t counter
The last (13th) step of the I²t protection staircase curve is equal to 10 * INOM. Whenever the load current exceeds
the 13th threshold, the output channel is latched off immediately within tdoff + tf, protecting the integrity of the
board net power supply.
The I²t block is supplied from an internal voltage regulator supplied by VREG. Therefore, as soon as VREG drops
below VREG_POR_L, the accumulated I²t counter value is reset and the device enters in sleep mode.
VNF9Q20F
Protections
DS13909 - Rev 6
page 18/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com