Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 86 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 82Page - STMicroelectronics VNF9Q20F Datasheet HTML 83Page - STMicroelectronics VNF9Q20F Datasheet HTML 84Page - STMicroelectronics VNF9Q20F Datasheet HTML 85Page - STMicroelectronics VNF9Q20F Datasheet HTML 86Page - STMicroelectronics VNF9Q20F Datasheet HTML 87Page - STMicroelectronics VNF9Q20F Datasheet HTML 88Page - STMicroelectronics VNF9Q20F Datasheet HTML 89Page - STMicroelectronics VNF9Q20F Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
11
ISO Pulse
The immunity of the device against transient electrical emissions, conducted along the supply lines and injected
into the VCC pin, is tested in accordance with ISO7637-2:2011(E) and ISO 16750-2:2012.
The related function performances status classification is shown in Table 71.
Test pulses are applied directly to DUT (Device Under Test) both in ON and OFF-state and in accordance to ISO
7637-2:2011(E), chapter 4. The DUT is intended as the present device only, with external components as shown
in Figure 37.
“Status II” is defined in ISO 7637-1 Function Performed Status Classification (FPSC) as follows: "The function
does not perform as designed during the test but returns automatically to normal operation after the test".
Table 71. ISO 7637-2 - Electrical transient conduction along supply line
Test pulse
2011(E)
Test pulse severity level
with status II functional
performance status
Minimum number
of pulses or test
time
Burst cycle/pulse
repetition time
Pulse duration and
pulse generator internal
impedance
Level
US(1)
1(2)
III
-112 V
500 pulses
0.5 s
5 s
2 ms, 10 Ω
2a(3)
III
+55 V
500 pulses
0.2 s
5 s
50 µs, 2 Ω
3a(2)
IV
-220 V
1 h
90 ms
100 ms
0.1 µs, 50 Ω
3b
IV
+150 V
1 h
90 ms
100 ms
0.1 µs, 50 Ω
4(4)
IV
-7 V
1 pulse
-
-
100 ms, 0.01 Ω
Load dump according to ISO 16750-2:2010
Test B(3)
-
+87 V
5 pulses
1 min
-
400 ms, 2 Ω
1. US is the peak amplitude as defined for each test pulse in ISO 7637-2:2011(E), see Section 5.6.
2. Device enters reset state and must be reinitialized.
3. With 35 V external suppressor referred to ground (-40 °C < TJ < 150 °C).
4. Test pulse in ISO7637-2:2004(E).
VNF9Q20F
ISO Pulse
DS13909 - Rev 6
page 86/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com