Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20F Datasheet(PDF) 61 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 57Page - STMicroelectronics VNF9Q20F Datasheet HTML 58Page - STMicroelectronics VNF9Q20F Datasheet HTML 59Page - STMicroelectronics VNF9Q20F Datasheet HTML 60Page - STMicroelectronics VNF9Q20F Datasheet HTML 61Page - STMicroelectronics VNF9Q20F Datasheet HTML 62Page - STMicroelectronics VNF9Q20F Datasheet HTML 63Page - STMicroelectronics VNF9Q20F Datasheet HTML 64Page - STMicroelectronics VNF9Q20F Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
Figure 28. Status registers
Preliminary
diagnosis
Error or
dedicated bit
(0..7)
End
no errors detected
No errors
No errors
Yes
Check Global status byte
(GSB)
Preliminary diagnosis does not distinguish
which device channel reports error
Additional error flags from other status
registers are provided
From GSB + from other
Status register
Communication
error
Chip reset
Overtemperature
Power limitation
Overload / VDS
Frame
temperature
pre-warning
Channel
latch OFF
Open-load in OFF
state / short to VCC
Undervoltage VCCUV
in register OUTSRx
5.3.1
Status register
Table 41. Status register
Address
Name
Access
Description
20h to 23h
OUTSRx
Read/Clear
Outputs status Register (see register map for detailed description).
28h to 2Bh
ADCxSR
Read
Digital current sense registers.
31h
ADC9SR
Read
Digital case temperature sensor voltage sense register.
5.4
Overload (VDS high voltage, overload - OVL)
Detection of potential overload condition can be performed monitoring the digital current sense registers
(ADCxSR). On top of that, the voltage drop on the PowerMOS output stage of each channel is monitored:
•
If VDS (voltage across PowerMOS output stage) exceeds the threshold defined by the parameter
(VCC
‑ VDSH_TH), an overload condition is detected. In this case, the corresponding real time bit VDSHSRx
of the OUTSRx registers (addresses from 20h to 23h) is set.
•
If VDS is lower than the threshold (VCC - VDSH_TH), this bit is automatically reset.
To avoid false fault indications, it is recommended to perform this check when the channel is in a permanent on-
state condition.
5.5
Open-load on-state detection
The open-load ON-state is performed by reading the digital current sense.
VNF9Q20F
Diagnostic
DS13909 - Rev 6
page 61/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com