Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 22 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 18Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 19Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 20Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 21Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 22Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 23Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 24Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 25Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
7.2.1 PLL Architecture Overview
Figure 7-3 shows the 3-loop architecture implemented the same for both PLL channels with exception of the
VCO frequency range. Each channel has three phase-locked loops with two digital PLLs (REF-DPLL and TCXO-
DPLL) and one analog PLL (APLL) with integrated VCO. The REF-DPLL and TCXO-DPLL are each comprised
of a time-to-digital converter (TDC), digital loop filter (DLF), feedback prescaler (PR), and 40-bit fractional
feedback (FB) divider with sigma-delta-modulator (SDM or "MASH"). The APLL is comprised of a reference
frequency doubler (×2), phase-frequency detector (PFD), loop filter (LF), fractional feedback (N) divider with
SDM, and VCO.
PLLx Channel
REF-DPLL
TDC
TCXO-DPLL
TDC
APLL
PFD
LF
×2
XO
÷R
16-bit
(x6)
VCO
IN0
IN1
IN2
IN3
VCO1 FB
VCO2 FB
Cascaded PLL
option
(3)
VCOx FB
Post
Dividers
0 1 2
÷P1
÷P2
TCXO Mux
1
0
DCO option
(2)
DCO loop select
DCO
FDEV
×2
÷M
TCXO
DPLL feedback clock
38-bit
REF Mux
÷FB
40-bit Frac-N SDM
÷FB
40-bit Frac-N SDM
÷N
40-bit Frac-N SDM
VCO1: 4.8 to 5.4 GHz
VCO2: 5.5 to 6.2 GHz
5-bit
fREF-TDC
fTCXO-TDC
fPD
0
1
2
3
4
5
DLF
DLF
Loopback
Dividers
VCO1 FB
VCO2 FB
To
Output
Muxes
fVCO/P1
fVCO/P2
FINC/FDEC
fVCO
÷PR
÷PR
SDM control
(1)
/4 to /9,
/11, /13
/2 to /17
/2 to /17
A.
Fractional divider SDM control node depends on the selected PLL mode configuration.
B.
DCO frequency adjustments can be software or pin controlled.
C.
PLL cascading options: a) PLL1 VCO1 Loopback to PLL2, b) PLL2 VCO2 Loopback to PLL1.
Figure 7-3. PLL Architecture (One Channel)
Table 7-1 summarizes the PLL mode configuration options available in each channel. These modes support
a wide range of use cases depending to the clock functionality and performance required in the application.
Most applications uses 2-loop REF-DPLL or 3-loop mode for network synchronization clock features such as
programmable loop bandwidth for jitter and wander attenuation, hitless switching, precise digital holdover, DCO
frequency steering, or zero delay mode.
Table 7-1. PLL Mode Configuration Options
PLL MODE
FRACTIONAL SDM ENABLED (SDM CONTROL FROM)
DCO MODE OPTION
FREE-RUN /
HOLDOVER CLOCK
REF-DPLL
TCXO-DPLL
APLL
1-Loop (APLL only)
–
–
Y (Free-run from XO)
–
XO
2-Loop REF-DPLL
Y (DCO option)
–
Y (REF-DPLL)
REF-DPLL SDM
XO
2-Loop TCXO-DPLL
–
Y (DCO option)
Y (TCXO-DPLL)
TCXO-DPLL SDM
TCXO
3-Loop
Y (DCO option)
Y (REF-DPLL)
Y (TCXO-DPLL)
REF-DPLL SDM
TCXO
The following sections describe the basic principle of operation for 2-loop and 3-loop modes. See PLL Operating
Modes for more details on the PLL modes of operation including holdover.
7.2.2 3-Loop Mode
In 3-loop mode, the TCXO/OCXO source determines the free-run and holdover frequency stability and accuracy,
and the XO source determines the output phase noise and jitter performance over the 12-kHz to 20-MHz
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com