Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 31 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 27Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 28Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 29Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 30Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 31Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 32Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 33Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 34Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
50 :
LVCMOS
Driver
(ROUT)
Rs
XO_P
R1
R2
XO_N
VDD
VDD
3.3 V
2.5 V
1.8 V
R1 ( )
125
0
0
R2 ( )
375
open
open
LMK05028
Rs = 50 ± ROUT
Figure 7-11. Single-Ended LVCMOS to XO Input (XO_P)
50 :
Clock Driver
(ROUT)
Rs
LMK05028
TCXO
_IN
Rt
VDD
Driver
Rs ( )
Rt ( )
Swing
<1.3 Vpp
3.3-V LVCMOS
(Clipped) Sinewave
1.8-V LVCMOS
2.5-V LVCMOS
0
33
68
100
50
50
50
open
Figure 7-12. Single-Ended LVCMOS or Sinewave to TCXO Input (TCXO_IN)
3.3V LVCMOS
Driver
LVCMOS
LMK05028
Rs
Copyright © 2018, Texas Instruments Incorporated
Figure 7-13. Single-Ended LVCMOS (1.8, 2.5, 3.3 V) to Reference (INx_P)
LVPECL Driver
LVPECL
50
50
LMK05028
VDD_IN - 2
Copyright © 2018, Texas Instruments Incorporated
Figure 7-14. DC-Coupled LVPECL to Reference (INx) or XO Inputs
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com