Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 47 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 47 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 50Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
Output Channel Configuration
LMK05028
PLL1
VCO1
÷P1
DPLL feedback
Ref Bypass Mux
XO
TCXO
REF B
REF A
0
1
2
÷OD
20-b
0
1
2
3
÷OD
20-b
OUT7
0
1
2
3
4
5
0
1
2
3
4
5
÷OD
20-b
÷ODB
11-b
OUT1
0
1
2
3
0
1
2
3
OUT6
OUT5
OUT4
0
1
2
3
÷OD
20-b
OUT3
OUT2
OUT0
÷OD
20-b
Clock Bus
0
1
2
3
4
5
PLL2
/4 to /9,
/11, /13
VCO2
DPLL feedback
4.8 to 5.4
GHz
5.5 to 6.2
GHz
Auto SYNC
at POR only
/4 to /9,
/11, /13
÷P2
÷P1
÷P2
GPIO0/SYNCN
(active-low pin)
SYNC_SW
÷OD
SYNC
÷OD
20-b
÷ODB
11-b
Power-
down
Output Type,
Slew Rate
Mux
Auto Mute,
Mute Level
2
2
SYNC
SYNC EN
(1)
OUT[4:7] Bank
preferred for
PLL1 clocks
OUT[0:3] Bank
preferred for
PLL2 clocks
A.
SYNC Enable logic: SYNC EN = ((CH[z]_SYNCEN) && (PLL[x]_[y]_CH[zz]_SYNC_BANK)) where [x]: PLL = 1 or 2, [y]: Post-Div = PRI
or SEC (÷P1 or P2), [z]: CH = 0, 1, 23, 45, 6, or 7, and [zz]: Bank = 03 or 47.
Figure 7-27. Output Clock Distribution
7.3.11 Output Channel Muxes
Each of the six output channels has as output mux. Each output mux for OUT2 through OUT7 can individually
select between the PLL1 and PLL2 post-divider clocks. Each output mux for OUT0 and OUT1 can individually
select between the PLL1 and PLL2 post-divider clocks, the XO clock, or one of the clocks from the TCXO/Ref
Bypass Mux.
7.3.11.1 TCXO/Ref Bypass Mux
The TCXO/Ref bypass mux can select between the TCXO clock, the selected DPLL1 input (REF A), or the
selected DPLL2 input (REF B). The bypass clocks are primarily intended for diagnostic purposes and not
optimized for lowest phase noise or jitter.
7.3.12 Output Dividers
Each of the six output channels has an output divider after the output mux. OUT2 and OUT3 share an output
divider, as do OUT4 and OUT5. OUT0, OUT1, OUT6, and OUT7 have the own output dividers. The output
divider is used to generate the final output clock frequency from the source selected by the output mux.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com