Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 56 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 56 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 52Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 53Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 54Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 55Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 56Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 57Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 58Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 59Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
TI suggests using EEPROM mode when any of the following is required:
• A single custom start-up frequency configuration is needed from a single OPN.
• A host device is available to program the registers and EEPROM (if desired) with a new configuration after
power-up through I2C or SPI.
• SPI protocol is required for register access because SPI is not supported in ROM mode.
7.4.1.2 ROM Mode
In ROM mode, the device's frequency configuration is loaded to the registers from one of 16 register pages in
ROM selected by the GPIO[3:0] control pins. All register pages in the ROM image are factory-set in hardware
(mask ROM) and not software programmable. Only the I2C interface is available after start-up in ROM mode.
A benefit of ROM over EEPROM is a custom ROM image can support up to 16 different pin-selectable frequency
configurations from a single OPN. A factory preset device with custom ROM image is assigned by TI with a
unique OPN.
7.4.2 PLL Operating Modes
Both PLL channels have identical functionality and modes of operation, but each are configured and operate
independently. The operating mode for both channels can be different at any time. The following sections
describe the PLL modes of operation shown in Figure 7-39.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com