Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 73 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 73 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 69Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 70Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 71Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 72Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 73Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 74Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 75Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 76Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
8.1.2 Power Down (PDN) Pin
The PDN pin (active low) can be used for device power-down and used to initialize the POR sequence. When
PDN is pulled low, the entire device is powered down and the serial interface is disabled. When PDN is pulled
high, the device POR sequence is triggered to begin the device start-up sequence and normal operation as
depicted in Figure 8-1. If the PDN pin is toggled to issue a momentary hard reset, the negative pulse applied to
the PDN pin must be greater than 200 ns to be captured by the internal digital system clock.
Table 8-1. PDN Control
PDN PIN STATE
DEVICE OPERATION
0
Device is disabled
1
Normal operation
8.1.3 Power Rail Sequencing, Power Supply Ramp Rate, and Mixing Supply Domains
8.1.3.1 Mixing Supplies
The LMK05028 incorporates flexible power supply architecture. While all VDD core supplies must be powered by
the same 3.3-V rail, the individual output supplies can be powered from separate 1.8-V, 2.5-V or 3.3-V rails. This
can allow all output supplies at 1.8 V to minimize power consumption. This feature can also allow mixed output
driver levels simultaneously, for example, a 2.5-V LVCMOS clock from a 2.5-V rail and other differential clocks
from a 1.8-V rail.
8.1.3.2 Power-On Reset (POR) Circuit
The LMK05028 integrates a built-in power-on reset (POR) circuit that holds the device in reset until all of the
following conditions have been met:
• All VDD core supplies have ramped above 2.72 V
• PDN pin has ramped above 1.2 V (VIH)
8.1.3.3 Powering Up From a Single-Supply Rail
As long as all VDD core supplies are driven by the same 3.3-V supply rail that ramp in a monotonic manner from
0 V to 3.135 V, irrespective of the ramp time, then there is no requirement to add a capacitor on the PDN pin
to externally delay the device power-up sequence. As shown in Figure 8-2, the PDN pin can be left floating or
otherwise driven by a system host device to meet the clock sequencing requirements in the system.
0 V
Decision Point 2:
VDD_PLLx/VDD_INx/
VDD_DIG / VDD_XO /
VDD_7&;2 • 2.72 V
3.135 V
Decision Point 1:
3'1 •
1.2 V
VDD_PLLx, VDD_INx,
VDD_DIG, VDD_XO,
VDD_TCXO, PDN
200 k
VDD_DIG
PDN
Figure 8-2. Recommendation for Power Up From a Single-Supply Rail
8.1.3.4 Power Up From Split-Supply Rails
If some VDD core supplies are driven from different supply rails, TI recommends starting the PLL calibration
after all of the core supplies have settled at 3.135 V. This can be realized by delaying the PDN low-to-high
transition. The PDN input incorporates a 200-kΩ resistor to VDD_DIG and as shown in Figure 8-3, a capacitor
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com