Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 43 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 43 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 39Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 40Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 41Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 42Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
Equation 5, Equation 6, Equation 7, Equation 8, and Equation 9 relate to the output frequency according to the
output channel mux selection (CHxMUX).
fCHxMUX = fVCOy / PnPLLy when PLLy post-divider is selected
(5)
fCHxMUX = fXO when XO is selected (OUT0 or OUT1)
(6)
fCHxMUX = fTCXO/REF when TCXO or REF is selected (OUT0 or OUT1)
(7)
fOUTx = fCHxMUX / ODOUTx (OUT1 to OUT6)
(8)
fOUTx = fCHxMUX / (DIVAOUTx × DIVBOUTx) (OUT0 or OUT7 only)
(9)
where
• fCHxMUX: Output channel mux frequency (from PLL post-divider, XO, or TCXO/Ref Bypass mux)
• fTCXO/REF: TCXO, DPLL1 Ref, or DPLL2 Ref input frequency (selected by TCXO/Ref Bypass mux)
• fOUTx: Output clock frequency (x = 0 to 7)
• PnPLLy: PLLy P1 (primary) or P2 (secondary) post-divider value (4 to 9, 11, 13)
• ODOUTx: Output divide value (20 bits, 1 to 220-1)
• ODBOUTx: Output MSB divide value for OUT0 or OUT7 (11 bits, 1 to 211-1)
7.3.9.2 Analog PLL (APLL)
The APLL has a 40-bit fractional-N divider to support high-resolution frequency synthesis, wide output frequency
range, very low phase noise and jitter, and the ability to tune the VCO frequency through sigma-delta modulator
(SDM) control.
The APLL XO doubler doubles the XO input frequency into the phase frequency detector (PFD) input. The APLL
multiplies the PFD frequency by the total N divider value to generate the VCO clock. The desired VCO output
to PFD input frequency ratio is the total value of N (INT + NUM/DEN) applied to the SDM to tune the VCO
frequency.
In free-run mode, the APLL uses a low-jitter XO input as a initial reference clock to lock the internal voltage
controlled oscillator (VCO). The PFD compares the fractional-N divided clock with the XO doubler frequency
and generates a control signal. The control signal is filtered by the APLL loop filter to generate the VCO control
voltage that sets the output frequency. The SDM modulates the N divider ratio to get the desired fractional ratio
between the PFD input and the VCO output.
In 2-loop or 3-loop mode, the APLL SDM is controlled by one of the DPLL loops to pull the VCO frequency into
lock with the DPLL reference input.
7.3.9.3 APLL XO Doubler
The APLL has a XO doubler that can be enabled to double the PFD frequency up to 200 MHz. The doubler
adds minimal noise and is useful for raising the PFD frequency for better phase noise and jitter and also to avoid
spurs. When the PFD frequency is increased, the flat portion of the APLL phase noise improves.
7.3.9.4 APLL Phase Frequency Detector (PFD) and Charge Pump
The APLL PFD frequency can operate from 10 MHz to 200 MHz, but the APLL performance is optimized for
frequencies of 96 MHz or higher. The PLL has programmable charge pump settings of 1.6, 3.2, 4.8, or 6.4 mA.
7.3.9.5 APLL Loop Filter
The APLL supports programmable loop bandwidth from 100 kHz and 1 MHz. The loop filter components can be
programmed to optimize the APLL bandwidth depending on the XO frequency and phase noise without changing
any external components. The LF1 and LF2 pins each require an external C2 capacitor to ground, typically
0.1-µF. Figure 7-26 shows the APLL loop filter structure between the PFD/charge pump output and VCO control
input.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com