Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 59 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 55Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 56Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 57Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 58Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 59Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 60Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 61Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 62Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
7.4.3 PLL Start-Up Sequence
Figure 7-40 shows the general sequence for PLL start-up after device configuration. This sequence is also
applicable after a device soft-reset or individual PLL soft-reset. To provide proper VCO calibration, the external
XO clock must be stable in amplitude and frequency prior to the start of VCO calibration; otherwise, the VCO
calibration can fail and prevent start-up of the PLL and the output clocks.
TCXO-DPLL Locked
(Free-run from
TCXO)
VCO Calibration
See DPLL Modes and
Input Selection
Flowcharts
Outputs locked to XO frequency.
Outputs with DPLL auto-mute disabled are un-muted.
Outputs are auto-SYNCed if enabled.
XO Detected
Input Monitoring (fastest to slowest detector):
1. Missing and/or Early clock detector
2. Amplitude or Slew rate detector
3. Frequency (ppm) detector
4. After enabled detectors are valid, validation timer
starts and must finish for input to be qualified.
TCXO Detected
Outputs locked to TCXO/OCXO frequency.
Skip step if 2-loop REF-DPLL mode is
configured (TCXO-DPLL is not used).
REF-DPLL
Lock Acquisition
APLL Locked
(Free-run from XO)
Ref. Input
Validation
REF-DPLL
Locked
Fastlock bandwidth temporarily asserted
during lock acquisition, if enabled.
Outputs locked to selected input clock frequency.
Outputs with DPLL auto-mute enabled are un-muted.
The configured DPLL loop bandwidth is asserted.
DPLL frequency- and phase-lock detectors are monitored.
If Zero-Delay Mode (ZDM) is enabled, output will have
deterministic input-to-output phase relationship.
TCXO-DPLL
DCO Mode control
available
2-loop TCXO-
DPLL mode
REF-DPLL modes
PLL Initialization Sequence
REF-DPLL
DCO Mode control
available (ZDM
must be disabled)
Valid Input Selected
CAL Done
Device Configured / Reset.
See Device POR
Configuration Flowchart
Figure 7-40. PLL Start-Up Sequence
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com