Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 10Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 11Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 12Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 13Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8-V LVCMOS Output Characteristics (OUTx)
fOUT
Output frequency(4)
1E-6
200
MHz
VOH
Output high voltage
IOH = 1 mA
1.2
V
VOL
Output low voltage
IOL = 1 mA
0.4
V
IOH
Output high current
-23
mA
IOL
Output low current
24
mA
tR/tF
Output rise/fall time(4)
20% to 80%
250
ps
tSK
Output-to-output skew(4)
Same post divider, output divide values,
and output type
100
ps
Same post divider, output divide values,
LVCMOS-to-DIFF
1.5
ns
PNFLOOR
Output phase noise floor
(fOFFSET > 10 MHz)
66.66 MHz
-155
dBc/Hz
ODC
Output duty cycle(4) (13)
45
55
%
ROUT
Output impedance
50
Ω
2.5-V LVCMOS Output Characteristics (OUTx)
fOUT
Output frequency(4)
1E-6
200
MHz
VOH
Output high voltage
IOH = 1 mA
1.9
V
VOL
Output low voltage
IOL = 1 mA
0.525
V
IOH
Output high current
-48
mA
IOL
Output low current
55
mA
tR/tF
Output rise/fall time(4)
20% to 80%
250
ps
tSK
Output-to-output skew(4)
Same post divider, output divide values,
and output type
100
ps
Same post divider, output divide values,
LVCMOS-to-DIFF
1.5
ns
PNFLOOR
Output phase noise floor
(fOFFSET > 10 MHz)
66.66 MHz
-155
dBc/Hz
ODC
Output duty cycle(4) (13)
45
55
%
ROUT
Output impedance
50
Ω
AC-LVDS Output Characteristics (OUTx)
fOUT
Output frequency(4) (6)
750
MHz
VOD
Output voltage swing (VOH - VOL) fOUT > 25 MHz
250
400
450
mV
VODpp
Differential output voltage swing,
peak-to-peak
2×VOD
V
VOS
Output common mode
100
430
mV
tSK
Output-to-output skew(4)
Same post divider, output divide values,
and output type
100
ps
tR/tF
Output rise/fall time(4)
20% to 80%, < 300 MHz
225
350
ps
± 100 mV around center point, ≥ 300
MHz
75
150
ps
PNFLOOR
Output phase noise floor
(fOFFSET > 10 MHz)
156.25 MHz
-160
dBc/Hz
ODC
Output duty cycle(4) (13)
45
55
%
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com