Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 46 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 42Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
In 2-loop TCXO-DPLL mode, the REF-DPLL is not used and the TCXO-DPLL loop filter output controls the APLL
SDM to steer the VCO frequency into lock with the TCXO input.
7.3.9.14 REF-DPLL and TCXO-DPLL Feedback Dividers
The feedback path of each REF-DPLL and TCXO-DPLL has a feedback prescaler (PR) followed by a fractional
FB divider. The prescaler divides the PLL primary post-divider (P1) clock by a programmable value from 2 to 17,
which then clocks the FB divider. The FB divider of each REF-DPLL and TCXO-DPLL includes a 30-b integer
portion (INT), 40-b numerator portion (NUM), and 40-b denominator portion (DEN). The total FB divider value is:
FB = INT + NUM / DEN. All DPLL feedback dividers are programmable, except for the DENTCXO (fixed, 240). The
FB divider clock must match the TDC rate determined by the TDC input path of the respective DPLL.
The REF-DPLL TDC rate is:
fREF-TDC = fVCO / (P1PLL × PRREF × FBREF)
(14)
The TCXO-DPLL TDC rate is:
fTCXO-TDC = fVCO / (P1PLL × PRTCXO × FBTCXO)
(15)
7.3.10 Output Clock Distribution
The output clock distribution blocks shown in Figure 7-27 includes six output muxes, a TCXO/Ref Bypass mux,
six output dividers, and eight programmable output drivers. The output dividers support output synchronization
(SYNC) to allow phase synchronization between two or more output channels. Also, each output bank (OUT[0:3]
and OUT[4:7]) has separate a zero-delay feedback path to support the zero-delay mode option available on
each DPLL channel.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com