Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 9 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 5Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 10Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 11Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 12Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Input Characteristics (INx)
fIN
Input frequency range(4)
Differential input(5)
5
750
MHz
LVCMOS input
2
250
VIN-SE
Single-ended input voltage swing LVCMOS input, DC-coupled to INx_P
1
V
VIDpp
Differential input voltage swing,
peak-peak (|VP – VN|)(15)
Differential input
0.4
2
V
dV/dt
Input slew rate(4)
0.2
V/ns
IIN
Input leakage
50-Ω and 100-Ω internal terminations
disabled
-350
350
µA
CIN
Input capacitance
Single-ended, each pin
2
pF
XO Input Characteristics (XO)
fCLK
Input frequency range(4)
10
100
MHz
VIN-SE
Single-ended input voltage swing LVCMOS input, DC-coupled to XO_P
1
2.6
V
VIDpp
Differential input voltage swing,
peak-peak (|VP – VN|)(15)
Differential input
0.4
2
V
dV/dt
Input slew rate(4)
0.2
V/ns
IDC
Input duty cycle
40
60
%
IIN
Input leakage
50-Ω and 100-Ω internal terminations
disabled
-350
350
µA
CIN
Input capacitance
Single-ended, each pin
1
pF
TCXO/OCXO Input Characteristics (TCXO_IN)
fTCXO
Input frequency(4)
10
54
MHz
VIN
Input voltage swing
AC-coupled
0.8
1.3
V
VBIAS
Input bias voltage
Weak internal bias
0.6
V
dV/dt
Input slew rate(4)
0.2
V/ns
IDC
Input duty cycle
40
60
%
CIN
Input capacitance
10
pF
APLL/VCO Characteristics
fVCO1
VCO1 Frequency range
4.8
5.4
GHz
fVCO2
VCO2 Frequency range
5.5
6.2
GHz
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com