Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 4Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 5Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 10Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 11Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
5.4 Thermal Information
THERMAL METRIC(1) (2) (3)
LMK05028
UNIT
RGC (VQFN)
64 PINS
RθJA
Junction-to-ambient thermal resistance
20.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.3
°C/W
RθJB
Junction-to-board thermal resistance
4.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
4.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The thermal information is based on a 10-layer 200 mm x 250 mm board with 49 thermal vias (7 x 7 pattern, 0.3 mm holes).
(3)
ΨJB can allow the system designer to measure the board temperature (TPCB) with a fine-gauge thermocouple and back-calculate the
device junction temperature, TJ = TPCB + (ΨJB x Power). Measurement of ΨJB is defined by JESD51-6.
5.5 Electrical Characteristics
Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Characteristics
IDD_IN0,
IDD_IN1,
IDD_IN3
Core Supply Current
(VDD_INx)
3.5
10
mA
IDD_IN2
Core Supply Current
(VDD_IN2)
6
14
mA
IDD_XO
Core Supply Current
(VDD_XO)
25
33
mA
IDD_TCXO
Core Supply Current
(VDD_TCXO)
Configuration A(2)
1
4
mA
Configuration B(3)
6
9
mA
IDD_PLL1
Core Supply Current
(VDD_PLL1)
Configuration A(2)
160
188
mA
Configuration B(3)
185
217
mA
IDD_PLL2
Core Supply Current
(VDD_PLL2)
Configuration A(2)
138
160
mA
Configuration B(3)
160
187
mA
IDD_DIG
Core Supply Current
(VDD_DIG)
Configuration A(2)
34
59
mA
Configuration B(3)
42
70
mA
IDDO_x
Output Supply Current(10)
(VDDO_x = 3.3 V ± 5%)
AC-LVDS
22
28
mA
AC-CML
24
32
mA
AC-LVPECL
27
34
mA
HCSL
33
42
mA
IDDO_x
Output Supply Current(11)
(VDDO_x = 3.3 V ± 5%)
AC-LVDS (x2)
32
40
mA
AC-CML (x2)
37
45
mA
AC-LVPECL (x2)
41
51
mA
HCSL (x2)
55
67
mA
IDDPDN
Total Supply Current
(all VDD and VDDO pins, 3.3 V)
Device powered-down (PDN pin held
low)
40
mA
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com