Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 4 Page - Texas Instruments

  LMK05028RGCT.B Datasheet HTML 1Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 2Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 3Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 4Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 5Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VDD_APLL1
49
P
Core Supply (3.3 V) for PLL1, PLL2, and Digital Blocks.
Place a nearby 0.1-µF bypass capacitor on each pin.
VDD_APLL2
37
P
VDD_DIG
8
P
VDDO_0
21
P
Output Supply (1.8, 2.5, or 3.3 V) for Clock Outputs 0 to 7.
Place a nearby 0.1-µF bypass capacitor on each pin.
VDDO_1
25
P
VDDO_23
30
P
VDDO_45
50
P
VDDO_6
59
P
VDDO_7
63
P
CORE BLOCKS
LF1
47
A
External Loop Filter Capacitor for APLL1 and APLL2.
Place a nearby 0.1-µF capacitor on each pin.
LF2
39
A
CAP_APLL1
48
A
External Bypass Capacitors for APLL1, APLL2, and Digital Blocks.
Place a nearby 10-µF bypass capacitor on each pin.
CAP_APLL2
38
A
CAP_DIG
7
A
INPUT BLOCKS
IN0_P
1
I
DPLL Reference Clock Inputs 0 to 3.
Each input pair can accept a differential or single-ended clock signal for synchronizing the DPLLs.
Each pair has a programmable input type with internal termination to support AC- or DC-coupled
clocks. A single-ended LVCMOS clock can be applied to the P input with the N input pulled down
to ground. An unused input pair can be left floating. LVCMOS input mode is recommended for input
frequencies less than 5 MHz.
IN0_N
2
I
IN1_P
14
I
IN1_N
15
I
IN2_P
10
I
IN2_N
11
I
IN3_P
5
I
IN3_N
6
I
XO_P
43
I
XO Input.
This input pair can accept a differential or single-ended clock signal from a low-jitter local oscillator
to lock the APLLs. This input has a programmable input type with internal termination to support
AC- or DC-coupled clocks. A single-ended LVCMOS clock (up to 2.5 V) can be applied to the P
input with the N input pulled down to ground.
XO_N
44
I
TCXO_IN
18
I
TCXO Input.
This input can accept an AC-coupled sinewave, clipped-sinewave, or single-ended clock signal from
a stable oscillator (TCXO/OCXO) to lock the TCXO-DPLL if used by a DPLL configuration. The
input swing must be less than 1.3 Vpp before AC-coupling to the input pin, which has weak internal
biasing of 0.6 V and no internal termination. Leave pin floating if unused.
OUTPUT BLOCKS
OUT0_P
22
O
Clock Outputs 0 to 3 Bank.
Each programmable output driver pair can support AC-LVDS, AC-CML, AC-LVPECL, HCSL, or
1.8/2.5-V LVCMOS clocks (one or two per pair). Unused differential outputs must be terminated if
active or left floating if disabled through registers.
The OUT[0:3] bank requires at least one clock from the PLL2 domain if enabled. This bank is
preferred for PLL2 clocks to minimize output crosstalk.
OUT0_N
23
O
OUT1_P
27
O
OUT1_N
26
O
OUT2_P
31
O
OUT2_N
32
O
OUT3_P
34
O
OUT3_N
33
O
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com