Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 79 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 79 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 75Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 76Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 77Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 78Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 79Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 80Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 81Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 82Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
8. TICS Pro: Configure each status output pin and interrupt flag as needed. See Status Outputs and Interrupt.
• Select the desired status signal selection, status polarity, and driver mode (3.3-V LVCMOS or open-
drain). Open-drain requires an external pullup resistor.
• If the Interrupt is enabled and selected as a status output, configure the mask bit for any interrupt source
to be ignored, interrupt flag polarity, and the combinational gate logic (AND/ OR) as desired.
8.2.3 Application Curves
AC-LVPECL output, fIN = 25 MHz, fTCXO = 10 MHz (OCXO),
fXO = 48.0048 MHz, fTCXO-TDC = 20 MHz
Figure 8-5. 122.88-MHz Output Phase Noise (3-
Loop), Wireless Use Case
AC-LVPECL output, fIN = 19.44 MHz, fTCXO = 12.8 MHz
(OCXO), fXO = 48.0048 MHz, fTCXO-TDC = 25.6 MHz, BWREF-
DPLL = 1 Hz, BWTCXO-DPLL = 200 Hz
Figure 8-6. 155.52-MHz Output Phase Noise (3-
Loop), Telecom Use Case
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com