Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 30 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 26Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 27Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 28Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 29Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 30Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 31Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 32Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 33Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
7.3.3 Reference Inputs (INx_P/N)
The reference inputs (IN0 to IN3) can accept differential or single-ended clocks to synchronize any of the PLL
channels. Each input has programmable input type, termination, and AC-coupled input biasing configurations as
shown in Figure 7-10. Each input buffer drives the reference input mux of both DPLL blocks. The DPLL input
mux can select from any of the reference inputs. Any DPLL can switch between inputs with different frequencies
provided the DPLL can be divided-down to a common frequency by DPLL R dividers (DPLLy_REFx_RDIV). The
reference input paths also drive the various detector blocks for reference input monitoring and validation. The
selected reference of each DPLL input (before the R divider) can be routed through the TCXO/Ref bypass mux
and output muxes, allowing a buffered copy of either DPLL reference input on OUT0 and/or OUT1.
LMK05028
Differential or
Single-Ended*
28 pF
100
100 k
VAC-DIFF
(weak bias)
100 k
28 pF
3.6 k
50
S4
INx_P
INx_ N
To LVCMOS input
slew rate detector
S1
S1
S2
S2
S3
50
REF path
*Supports 3.3-V
S-E input swing
Figure 7-10. Reference Input Buffer
Table 7-4 lists the reference input buffer configurations for common clock interface types.
Table 7-4. Reference Input Buffer Modes
REFx_TYPE
INPUT TYPES
INTERNAL SWITCH SETTINGS
INTERNAL TERM.
(S1, S2)(1)
INTERNAL BIAS
(S3)(2)
LVCMOS SLEW RATE
DETECT (S4)(3)
0h
LVDS, CML, LVPECL
(DC-coupled)
OFF
OFF
OFF
1h
LVDS, CML, LVPECL
(AC-coupled)
OFF
ON (1.3 V)
OFF
3h
LVDS, CML, LVPECL
(AC-coupled, internal 100-Ω)
100 Ω
ON (1.3 V)
OFF
4h
HCSL
(DC-coupled, internal 50-Ω)
50 Ω
OFF
OFF
8h
LVCMOS
OFF
OFF
ON
(1)
S1, S2: OFF = External termination is assumed.
(2)
S3: OFF = External input bias or DC coupling is assumed.
(3)
S4: OFF = Differential input amplitude detector is used for all input types except LVCMOS.
7.3.4 Clock Input Interfacing and Termination
Figure 7-11 through Figure 7-18 show the recommended input interfacing and termination circuits. Unused clock
inputs can be left floating or pulled down.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com