Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 33 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 29Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 30Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 31Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 32Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 33Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 34Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 35Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 36Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
The currently selected reference input for each DPLL can be read through the status pin or register.
7.3.5.1 Automatic Input Selection
There are two automatic input selection modes that can be set by a register: Auto Revertive and Auto Non-
Revertive.
• Auto Revertive: In this mode, the DPLL automatically selects the valid input with the highest configured
priority. If a clock with higher priority becomes valid, the DPLL automatically switches over to that clock
immediately.
• Auto Non-Revertive: In this mode, the DPLL automatically selects the highest priority input that is valid. If a
higher priority input because valid, the DPLL does not switch-over until the currently selected input becomes
invalid.
7.3.5.2 Manual Input Selection
There are two manual input selection modes that can be set by a register: Manual with Auto-Fallback and
Manual with Auto-Holdover. In either manual mode, the input selection can be done through register control
(Table 7-5) or hardware pin control (Table 7-6).
• Manual with Auto-Fallback: In this mode, the manually selected reference is the active reference until the
reference becomes invalid. If the reference becomes invalid, the DPLL does automatically fallback to the
highest priority input that is valid or qualified. If no prioritized inputs are valid, the DPLL enters holdover mode
(if tuning word history is valid) or free-run mode. The DPLL exits holdover mode when the selected input
becomes valid.
• Manual with Auto-Holdover: In this mode, the manually selected reference is the active reference until the
reference becomes invalid. If the reference becomes invalid, the DPLL automatically enters holdover mode
(if tuning word history is valid) or free-run mode. The DPLL exits holdover mode when the selected input
becomes valid.
Table 7-5. Manual Input Selection by Register Bits
DPLLx_REF_MAN_REG_SEL[2:0]
BITS
DPLLx_REF_MAN_SEL BIT
SELECTED INPUT
000b
0
IN0
001b
0
IN1
010b
0
IN2
011b
0
IN3
100b
0
VCO1 Loopback to DPLL2
101b
0
VCO2 Loopback to DPLL1
Table 7-6. Manual Input Selection by Hardware Pins
INSELx_[1:0] PINS
DPLLx_REF_MAN_SEL BIT
SELECTED INPUT
00b
1
IN0
01b
1
IN1
10b
1
IN2
11b
1
IN3
The reference input selection flowchart is shown in Figure 7-19.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com