Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 69 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 69 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 65Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 66Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 67Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 68Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 69Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 70Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 71Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 72Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
7.5.8 Read EEPROM
The contents of the EEPROM can be read back, one word at a time, starting with that of the requested address
through the following sequence. This sequence can be used to verify the contents written to EEPROM after an
EEPROM program cycle.
1. Write the most significant 5 bit of the EEPROM address in R169 (MEMADR byte 1) and write the least
significant 8 bits of the EEPROM address in R170 (MEMADR byte 0).
2. The EEPROM data located at the address specified in the step above can be obtained by reading R171
(NVMDAT byte) in the same register transaction.
• Any additional access that is part of the same transaction causes the EEPROM address to be
incremented and a read takes place of the next EEPROM address.
• Byte or Block read transfers from R171 can be used to read the entire EEPROM map sequentially from
Byte 0 to 508 (509 bytes total).
• Access to EEPROM terminates at the end of current register transaction.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com