Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 44 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 40Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 41Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 42Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
R2
C1
R3
C3
LF1, LF2
C2
R4
C4
LMK05028
PFD /
Charge Pump
VCO
Programmable
Loop Filter
Figure 7-26. Loop Filter Structure of Each APLL
7.3.9.6 APLL Voltage Controlled Oscillator (VCO)
Each PLL contains fully-integrated LC-based oscillators with very low phase noise. The VCO takes the voltage
from the loop filter and converts this into a frequency. The tuning range of VCO1 is 4.8 to 5.4 GHz, and the
tuning range of VCO2 is 5.5 to 6.2 GHz. The two VCO frequency ranges are spaced apart to cover a wide range
of frequency configurations and to help minimize cross-coupling between the two PLL domains.
7.3.9.6.1 VCO Calibration
Each PLL's VCO must be calibrated to ensure that the PLL can achieve lock and deliver optimal phase noise
performance. Fundamentally, the VCO calibration establishes an optimal operating point within the tuning range
of the VCO. The VCO calibration is executed automatically during initial PLL start-up after device power-on, hard
reset, or soft reset once the XO input is detected by its input monitor. To ensure proper VCO calibration, it is
critical for the XO clock to be stable in amplitude and frequency prior to the start of VCO calibration; otherwise,
the VCO calibration can fail and prevent start-up of the PLL and its output clocks. Prior to VCO calibration and
APLL lock, the output drivers are typically held in the mute state (configurable per output) to prevent spurious
output clocks.
To trigger VCO calibration for one PLL channel without affecting the other channel, this can be achieved through
host programming by either entering/exiting PLL power-down (PLLx_PDN register bit) or by asserting a PLL
soft-reset (SWRxPLL register bit).
7.3.9.7 APLL VCO Post-Dividers (P1, P2)
The APLL has a primary (P1) and secondary (P2) VCO post-divider for flexible clock frequency planning. All
post-divider supports divide by 4 to 9, 11, or 13. The post-divider clocks for both PLLs are distributed to all output
channel muxes for selection. The primary (P1) post-divider output is also fed back to the FB divider paths of the
REF-DPLL and TCXO-DPLL to close the loops.
After the P1 divider and DPLL fractional FB divider values have been determined for closed-loop operation, the
P1 divider value must not be modified dynamically because the values affects the FB divider clock frequency
to the TDC of the DPLL. If the P1 divider must be changed, re-compute the DPLL FB divider values. Also,
changing any PLL post-divider value requires a PLL soft-reset (or device soft-reset) to reset the divider for
proper operation.
7.3.9.8 APLL Fractional N Divider (N) With SDM
The APLL fractional N divider includes a 9-b integer portion (INT), 40-b numerator portion (NUM), a fixed
40-b denominator portion (DEN), and sigma-delta modulator. The INT and NUM are programmable, while the
denominator is fixed to 240 for highest frequency resolution (step size) on the output. The total N divider value is:
N = INT + NUM / DEN.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com