Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 28 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 24Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 25Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 26Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 27Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 28Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 29Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 30Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 31Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
7.3 Feature Description
The following sections describe the features and functional blocks of the LMK05028.
7.3.1 Oscillator Input (XO_P/N)
The XO input is the reference clock for the fractional-N APLLs. The combination of XO and APLL determines the
jitter and phase noise performance of the output clocks. For optimal performance, the XO frequency must be at
least 48 MHz and have a non-integer frequency relationship with the VCO frequencies so the APLLs operate in
fractional mode. When the TCXO input is not used by either PLL channel, the XO input determines the output
frequency accuracy and stability in free-run or holdover modes.
The XO input buffer has programmable input on-chip termination and AC-coupled input biasing configurations as
shown in Figure 7-8.
The buffered XO path also drives the input monitoring blocks as well as output muxes, allowing buffered copies
of the XO input on OUT0 and/or OUT1.
LMK05028
Differential or
Single-Ended*
28 pF
100
100 k
VAC-DIFF
(weak bias)
100 k
28 pF
50
XO_P
XO_ N
S1
S1
S2
S2
S3
50
XO path
*Supports 2.5-V
single-ended swing
Figure 7-8. XO Input Buffer
Table 7-3 lists the typical XO input buffer configurations for common clock interface types.
Table 7-3. XO Input Buffer Modes
XO_DIFF_TYPE
INPUT TYPES
INTERNAL SWITCH SETTINGS
INTERNAL TERM. (S1, S2)(1)
INTERNAL BIAS (S3)(2)
0h
LVDS, CML, LVPECL, LVCMOS
(DC-coupled)
OFF
OFF
1h
LVDS, CML, LVPECL
(AC-coupled)
OFF
ON (1.3 V)
3h
LVDS, CML, LVPECL
(AC-coupled, internal 100-Ω)
100 Ω
ON (1.3 V)
4h
HCSL
(DC-coupled, internal 50-Ω)
50 Ω
OFF
(1)
S1, S2: OFF = External termination is assumed.
(2)
S3: OFF = External input bias or DC coupling is assumed.
7.3.2 TCXO/OCXO Input (TCXO_IN)
The TCXO input is the reference clock to the TCXO-DPLL loop in each PLL channel. When the PLL channel
uses the TCXO-DPLL, the TCXO input source determines the close-in phase noise and wander performance
(MTIE/TDEV) when the DPLL is locked, as well as the frequency accuracy and stability in free-run and
holdover modes. A TCXO input with high phase noise floor must have minimal or no impact on the output jitter
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com