Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 5 Page - Texas Instruments

  LMK05028RGCT.B Datasheet HTML 1Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 2Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 3Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 4Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 5Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
OUT4_P
51
O
Clock Outputs 4 to 7 Bank.
Each programmable output driver pair can support AC-LVDS, AC-CML, AC-LVPECL, HCSL, or
1.8/2.5-V LVCMOS clocks (one or two per pair). Unused differential outputs must be terminated if
active or left floating if disabled through registers.
The OUT[4:7] bank requires at least one clock from the PLL1 domain. This bank is preferred for
PLL1 clocks to minimize output crosstalk.
OUT4_N
52
O
OUT5_P
54
O
OUT5_N
53
O
OUT6_P
57
O
OUT6_N
58
O
OUT7_P
62
O
OUT7_N
61
O
LOGIC CONTROL / STATUS (2) (3)
HW_SW_CTRL
64
I
Device Start-Up Mode Select (3-level, 1.8-V compatible).
This input selects the device start-up mode that determines the memory page used to initialize
the registers, serial interface, and logic pin functions. The input level is sampled only at device
power-on reset (POR).
See Table 4-2 for start-up mode descriptions and logic pin functions.
PDN
46
I
Device Power-Down (active low).
When PDN is pulled low, the device is in hard reset and all blocks including the serial interface are
powered down. When PDN is pulled high, the device is started according to device mode selected
by HW_SW_CTRL and begins normal operation with all internal circuits reset to their initial state.
SDA/SDI
35
I/O
I2C Serial Data I/O (SDA) or SPI Serial Data Input (SDI). See Table 4-2.
The default 7-bit I2C address is 11000xxb, where the MSB bits (11000b) are initialized from on-chip
EEPROM and the LSB bits (xxb) are determined by the logic input pins. When HW_SW_CTRL is 0,
the LSBs are determined by the GPIO[2:1] input levels during POR. When HW_SW_CTRL is 1, the
LSBs are fixed to 00b.
SCL/SCK
36
I
I2C Serial Clock Input (SCL) or SPI Serial Clock Input (SCK). See Table 4-2.
GPIO0/SYNCN
45
I
Multifunction Inputs or Outputs.
See Table 4-2.
GPIO1/SCS
24
I
GPIO2/SDO
60
I/O
GPIO3/FINC1
40
I
GPIO4/FDEC1
41
I
GPIO5/FINC2
12
I/O
GPIO6/FDEC2
13
I/O
STATUS1
56
I/O
Status Outputs [1:0].
Each output has programmable status signal selection, driver type (3.3-V LVCMOS or open-drain),
and status polarity. Open-drain requires an external pullup resistor. Leave pin floating if unused.
STATUS0
55
I/O
INSEL0_1
17
I
Manual Reference Input Selection for DPLL1.
INSEL0_[1:0] = 00b (IN0), 01b (IN1), 10b (IN2), or 11b (IN3). Leave pin floating if unused.
INSEL0_0
20
I
INSEL1_1
29
I
Manual Reference Input Selection for DPLL2.
INSEL1_[1:0] = 00b (IN0), 01b (IN1), 10b (IN2), or 11b (IN3). Leave pin floating if unused.
INSEL1_0
28
I
(1)
G = Ground, P = Power, I = Input, O = Output, I/O = Input or Output, A = Analog.
(2)
Internal resistors: PDN pin has 200-kΩ pullup to VDD. Each HW_SW_CTRL, GPIO, and STATUS pin has a 150-kΩ bias to VIM
(approximately 0.8 V) when PDN = 0 or 400-kΩ pulldown when PDN = 1. Each INSEL pin has an 85-kΩ pullup to 1.8 V when PDN = 0
or 400-kΩ pulldown when PDN = 1.
(3)
Unless otherwise noted: Logic inputs are 2-level, 1.8-V compatible inputs. Logic outputs are 3.3-V LVCMOS levels.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com