Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 83 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 83 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 79Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 80Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 81Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 82Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 83Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 84Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 85Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 86Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Clock Architect
Clock Architect is an online tool used for part selection with the LMK05028. The tool also supports part selection,
loop filter design, and phase noise simulation for other TI clock devices. For Clock Architect, go to www.ti.com/
clockarchitect.
9.1.2 TICS Pro
TICS Pro is an offline software tool for EVM programming and also for register map generation to program a
device configuration for a specific application. For TICS Pro, go to www.ti.com/tool/TICSPRO-SW.
9.2 Documentation Support
9.2.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, ITU-T G.8262 Compliance Test Result for the LMK05028 application note
• Texas Instruments, LMK05028 Programming Guide
• Texas Instruments, LMK05028EVM User's Guide
9.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2018) to Revision B (February 2025)
Page
• Removed 1PPS support throughout the document............................................................................................ 1
• Changed the minimum INx frequency from 1Hz to 2MHz in the Electrical Characteristics section....................7
• Deleted the Description (continued) section and added the contents to the Overview section........................19
• Removed 1PPS from the Clock Monitors for References, XO, and TCXO Inputs figure................................. 34
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com