Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT.B Datasheet(PDF) 40 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 36Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 37Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 38Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 39Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 40Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 41Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 42Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
7.3.8.6 Status Outputs
STATUS[1:0] and GPIO[6:5] pins can be configured to output various status signals and interrupt flag for
device diagnostic and debug purposes. The status signal, output driver type, and output polarity settings are
programmable. The status output signals available at these pins for each device block monitored are listed in
Equation 10. When the status signal is asserted, the status output is active high (assuming the status polarity is
not set to active low).
Table 7-7. Status Pin Signals Available per Device Block
DEVICE BLOCK MONITORED
STATUS SIGNAL (ACTIVE HIGH)
XO
XO Input Loss of Signal (LOS)
TCXO
TCXO Input Loss of Signal (LOS)
APLL1, APLL2
APLLx Lock Detected ( LOL)
PLLx VCO Calibration Active
APLLx N Divider, div-by-2
EEPROM
EEPROM Active
All Inputs and PLLs
Interrupt (INTR)
REF0 to REF3 (IN0 to IN3)
REFx Monitor Divider Output, div-by-2
REFx Amplitude Monitor Fault
REFx Frequency Monitor Fault
REFx Missing or Early Pulse Monitor Fault
REFx Validation Timer Active
REFx Phase Validation Monitor Fault
DPLL1, DPLL2
DPLLx R Divider, div-by-2
DPLLx REF N Divider, div-by-2
DPLL TCXO M Divider, div-by-2
DPLLx TCXO N Divider, div-by-2
DPLLx REFn Selected
DPLLx Holdover Active
DPLLx Reference Switchover Event
DPLLx Tuning History Update
DPLLx Loss of Lock (LOFL)
7.3.8.7 Interrupt
Any of the four status pins can be configured as a device interrupt output pin. The interrupt configuration is
set through registers. When the interrupt is enabled, the interrupt flag can be triggered from any combination
of interrupt status indicators, including LOS for the XO, TCXO, and DPLL-selected inputs, LOL for each DPLL
and APLL, and holdover and switchover events for each DPLL. Any status indicator can be masked so the
indicator does not trigger the interrupt pin. Any unmasked status indicator can have the polarity inverted before
the indicator is combined at the interrupt AND/ OR gate and output to the status pin.
When the interrupt output is enabled and an interrupt flag is asserted by one or more fault conditions, the host
device can read the sticky status registers to identify which flags were set, resolve any fault conditions in the
system, and clear the flag by writing 0 to clear the sticky bits that were set.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com