Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 107Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 108Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 109Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 110Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 111Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 112Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 113Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 114Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 111 of 145
Oct 31, 2025
2.5.2
Serial interface UARTA
Caution
Select the normal input buffer for the RxDAn pin, and the normal output mode for the TxDAn pin by using the
port input mode register (PIMg) and port output mode register (POMh).
Remark
n: Unit number (n = 0 to 3), g: PIM number (g = 1, 2, 4, 5, 8, 14), h: POM number (h= 0 to 2, 4 to 6, 8, 13, 14)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Transfer rate
200
0
153600
bps
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com