Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 111Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 112Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 113Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 114Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 116Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 117Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 118Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 115 of 145
Oct 31, 2025
2.6
Analog Characteristics
2.6.1
A/D converter characteristics
1. Normal modes 1 and 2
Note 1.
This value does not include the quantization error (±1/2 LSB).
Note 2.
The values in the column Max. only apply in the case of a normal distribution with ±3σ variation from the mean.
Note 3.
We do not inspect the characteristics of the A/D converter before shipment. The listed values are only results of evaluation.
Note 4.
When AVREFP < VDD, the maximum values are as follows.
Note 5.
The listed values apply when the conversion resolution is set to 12 bits.
Note 6.
When the internal reference voltage or the temperature sensor output voltage is selected as the target for conversion, the
sampling time must be at least 5 µs. Accordingly, use standard mode 2 with the longer sampling time.
Note 7.
This value is indicated as a ratio (%FSR) to the full-scale value.
(TA = -40 to +105°C, 2.4 V ≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V,
reference voltage (+) = AVREFP (ADREFP1 = 0, ADREFP0 = 1), reference voltage (-) = AVREFM (ADREFM = 1),
target pins: ANI16 to ANI26)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Resolution
RES
12
bit
Conversion clock
fAD
132
MHz
Overall errorNotes 1, 2, 3, 4, 5
AINL
4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±1.8
±4.1
LSB
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±2.1
±4.2
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±2.4
±4.7
LSB
Conversion timeNotes 5, 6
tCONV
4.5 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
Zero-scale errorNotes 1, 2, 3, 4, 5, 7
EZS
4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±0.01
±0.06
%FSR
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.02
±0.09
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.03
±0.11
%FSR
Full-scale errorNotes 1, 2, 3, 4, 5, 7
EFS
4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±0.02
±0.09
%FSR
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.03
±0.11
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.03
±0.11
%FSR
Analog input voltage
VAIN
0AVREFP
V
Overall error/zero-scale error/full-scale error: Add (±0.75 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum
value.
Integral linearity error: Add (±0.2 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com