Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 110Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 111Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 112Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 113Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 114Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 116Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 117Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 114 of 145
Oct 31, 2025
3. I2C fast mode plus
Note 1.
The first clock pulse is generated after this period when the start or restart condition is detected.
Note 2.
The maximum value of tHD:DAT applies to normal transfer. The clock stretching will be inserted on reception of an
acknowledgment (ACK) signal.
Remark 1.
The maximum value of communication line capacitance (Cb) and communication line pull-up resistor (Rb) are as follows.
Cb = 120 pF, Rb = 1.1 kΩ
Remark 2.
n = 0, 1
IICA serial transfer timing
Remark
n = 0, 1
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
SCLAn clock frequency
fSCL
Fast mode plus: fCLK ≥ 10 MHz
2.7 V ≤ VDD ≤ 5.5 V
0
1000
kHz
Setup time of restart condition
tSU:STA
2.7 V ≤ VDD ≤ 5.5 V
0.26
µs
Hold timeNote 1
tHD:STA
2.7 V ≤ VDD ≤ 5.5 V
0.26
µs
Hold time when SCLAn is low
tLOW
2.7 V ≤ VDD ≤ 5.5 V
0.5
µs
Hold time when SCLAn is high
tHIGH
2.7 V ≤ VDD ≤ 5.5 V
0.26
µs
Data setup time (reception)
tSU:DAT
2.7 V ≤ VDD ≤ 5.5 V
50
ns
Data hold time (transmission)Note 2
tHD:DAT
2.7 V ≤ VDD ≤ 5.5 V
0
0.45
µs
Setup time of stop condition
tSU:STO
2.7 V ≤ VDD ≤ 5.5 V
0.26
µs
Bus-free time
tBUF
2.7 V ≤ VDD ≤ 5.5 V
0.5
µs
tSU:DAT
tHD:STA
Restart
condition
SCLAn
SDAAn
tLOW
tHIGH
tR
tF
tSU:STA
tHD:STA
tSU:STO
Stop
condition
Stop
condition
Start
condition
tHD:DAT
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com