Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 112Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 113Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 114Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 116Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 117Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 118Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 119Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 116 of 145
Oct 31, 2025
Note 1.
This value does not include the quantization error (±1/2 LSB).
Note 2.
When pins ANI16 to ANI26 are selected as the target pins for conversion or the TSCAP voltage of the CTSU is to be A/D
converted, the maximum values are as follows.
Overall error: Add ±3 LSB to the maximum value.
Zero-scale/full-scale error: Add ±0.04%FSR to the maximum value.
Note 3.
When reference voltage (+) = VDD and reference voltage (-) = VSS, the maximum values are as follows.
Overall error: Add ±10 LSB to the maximum value.
Zero-scale/full-scale error: Add ±0.25%FSR to the maximum value.
Integral linearity error: Add ±4 LSB to the maximum value.
Note 4.
When AVREFP < VDD, the maximum values are as follows.
Note 5.
When the internal reference voltage or the temperature sensor output voltage is selected as the target for conversion, the
sampling time must be at least 5 µs. Accordingly, use standard mode 2 with the longer sampling time.
Note 6.
This value is indicated as a ratio (%FSR) to the full-scale value.
(TA = -40 to +105°C, 2.4 V ≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V,
reference voltage (+) = AVREFP (ADREFP1 = 0, ADREFP0 = 1), reference voltage (-) = AVREFM (ADREFM = 1),
target pins: internal reference voltage and temperature sensor output voltage)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Resolution
RES
8
12
bit
Conversion clock
fAD
132
MHz
Overall errorNotes 1, 2, 3, 4
AINL
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±7.5
LSB
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±9.0
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±9.0
LSB
Conversion timeNote 5
tCONV
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
2.0
µs
Zero-scale errorNotes 1, 2, 3, 4, 6
EZS
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±0.17
%FSR
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
Full-scale errorNotes 1, 2, 3, 4, 6
EFS
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±0.17
%FSR
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
Integral linearity errorNotes 1, 3, 4 ILE
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±3.0
LSB
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±3.0
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±3.0
LSB
Differential linearity errorNote 1
DLE
12-bit resolution 4.5 V ≤ AVREFP = VDD ≤ 5.5 V
±1.0
LSB
2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±1.0
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±1.0
LSB
Analog input voltage
VAIN
0AVREFP
V
Overall error/zero-scale error/full-scale error: Add (±0.75 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum
value.
Integral linearity error: Add (±0.2 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com