Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 116Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 117Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 118Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 119Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 120Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 121Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 122Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 119 of 145
Oct 31, 2025
3. When the internal reference voltage is selected as reference voltage (+)
Note 1.
This value does not include the quantization error (±1/2 LSB).
Note 2.
This value is indicated as a ratio (%FSR) to the full-scale value.
Note 3.
When reference voltage (-) is selected as VSS, the maximum values are as follows.
Zero-scale error: Add ±0.35%FSR to the maximum value.
Integral linearity error: Add ±0.5 LSB to the maximum value.
Note 4.
See 2.6.2 Temperature sensor/internal reference voltage characteristics.
(TA = -40 to +105°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V, low-voltage modes 1 and 2,
reference voltage (+) = internal reference voltage (ADREFP1 = 1, ADREFP0 = 0),
reference voltage (-) = AVREFM (ADREFM = 1)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Resolution
RES
8
bit
Conversion clock
fAD
1.8 V ≤ VDD ≤ 5.5 V
1
2
MHz
Zero-scale errorNotes 1, 2, 3
EZS
1.8 V ≤ VDD ≤ 5.5 V
±0.6
%FSR
Integral linearity errorNotes 1, 3 ILE
1.8 V ≤ VDD ≤ 5.5 V
±2.0
LSB
Differential linearity errorNote 1 DLE
1.8 V ≤ VDD ≤ 5.5 V
±1.0
LSB
Analog input voltage
VAIN
0VBGR
Note 4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com