Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 113Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 114Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 115Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 116Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 117Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 118Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 119Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 120Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 117 of 145
Oct 31, 2025
2. Low-voltage modes 1 and 2
Note 1.
If the internal reference voltage, temperature sensor output voltage, or TSCAP voltage of the CTSU is to be A/D converted,
VDD must be at least 1.8 V.
Note 2.
This value does not include the quantization error (±1/2 LSB).
Note 3.
When pins ANI16 to ANI26 are selected as the target pins for conversion or the TSCAP voltage of the CTSU is to be A/D
converted, the maximum values are as follows. If the CTSU TSCAP voltage is to be A/D converted, VDD must be at least
1.8 V.
Overall error: Add ±3 LSB to the maximum value.
Zero-scale/full-scale error: Add ±0.04%FSR to the maximum value.
Note 4.
When reference voltage (+) = VDD and reference voltage (-) = VSS, the maximum values are as follows.
Overall error: Add ±10 LSB to the maximum value.
Zero-scale/full-scale error: Add ±0.25%FSR to the maximum value.
Integral linearity error: Add ±4 LSB to the maximum value.
Note 5.
When AVREFP < VDD, the maximum values are as follows.
(TA = -40 to +105°C, 1.6 V ≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V,
reference voltage (+) = AVREFP (ADREFP1 = 0, ADREFP0 = 1), reference voltage (-) = AVREFM (ADREFM = 1),
target pins: internal reference voltageNote 1and temperature sensor output voltageNote 1)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Resolution
RES
8
12
bit
Conversion clock
fAD
124
MHz
Overall errorNotes 2, 3, 4, 5
AINL
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±9
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±9
LSB
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
±11.5
LSB
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
±12.0
LSB
Conversion timeNote 6
tCONV
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
3.33
µs
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
5.0
µs
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
10.0
µs
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
20.0
µs
Zero-scale errorNotes 2, 3, 4, 5, 7
EZS
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
±0.27
%FSR
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
±0.28
%FSR
Full-scale errorNotes 2, 3, 4, 5, 7
EFS
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±0.21
%FSR
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
±0.27
%FSR
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
±0.28
%FSR
Integral linearity errorNotes 2, 4, 5 ILE
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±4.0
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±4.0
LSB
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
±4.5
LSB
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
±4.5
LSB
Differential linearity errorNote 2
DLE
12-bit resolution 2.7 V ≤ AVREFP = VDD ≤ 5.5 V
±1.5
LSB
2.4 V ≤ AVREFP = VDD ≤ 5.5 V
±1.5
LSB
1.8 V ≤ AVREFP = VDD ≤ 5.5 V
±2.0
LSB
1.6 V ≤ AVREFP = VDD ≤ 5.5 V
±2.0
LSB
Analog input voltage
VAIN
0AVREFP
V
Overall error/zero-scale error/full-scale error: Add (±0.75 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum
value.
Integral linearity error: Add (±0.2 LSB × (VDD voltage (V) - AVREFP voltage (V)) to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com