Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 48Page - STMicroelectronics TDA7513T Datasheet HTML 49Page - STMicroelectronics TDA7513T Datasheet HTML 50Page - STMicroelectronics TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Software specifications
TDA7513T
52/84
Note: 1 fVCO/fSYN = LSB + MSB + 1
Table 39.
Subaddress 5: Reference counter 2 (MSB)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
MSB = 0
00
00
0
0
0
1
MSB = 256
00
00
0
0
1
0
MSB = 512
1
1
1
1
1
1
0
0
MSB = 64768
1
1
1
1
1
1
0
1
MSB = 65024
1
1
1
1
1
1
1
0
MSB = 65280
1
1
1
1
1
1
1
1
MSB = 65536
Table 40.
Subaddress 6: FM antenna adjustment and FM mute depth
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
FM antenna adj (proportional to Vtuning)
0
1
1
1
1
-30%
0
1
1
1
0
-28%
00
0
0
1
-2%
00
0
0
0
-0%
10
0
0
0
+0%
10
0
0
1
+2%
-
-
-
-
----
-
11
1
1
0
+28%
11
1
1
1
+30%
FM soft mute depth
0
0
25dB
1
0
20dB
0
1
16dB
1
1
13.5dB
ISS deviation detector disabling threshold
relative to weak fild ISS activation threshold (byte 31 bit 3-00
0
-100mV
1
+100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com