Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 73 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 73 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 69Page - STMicroelectronics TDA7513T Datasheet HTML 70Page - STMicroelectronics TDA7513T Datasheet HTML 71Page - STMicroelectronics TDA7513T Datasheet HTML 72Page - STMicroelectronics TDA7513T Datasheet HTML 73Page - STMicroelectronics TDA7513T Datasheet HTML 74Page - STMicroelectronics TDA7513T Datasheet HTML 75Page - STMicroelectronics TDA7513T Datasheet HTML 76Page - STMicroelectronics TDA7513T Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
TDA7513T
Software specifications
73/84
Note:
No other combinations are allowed
0
1
1.25
1
0
1.50
11
2 (makes cent. freq. = 150Hz when
programmed to 100Hz)
Bass filter DC mode
0off
1on
Table 74.
Subaddress 4: Speaker attenuator left front
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Volume steps
10
00
1
1
1
1
15dB
-
-
-
-
----
-
10
00
0
0
0
1
1dB
00
00
0
0
0
0
0dB
00
00
0
0
0
1
-1dB
-
-
-
-
----
-
00
00
1
1
1
1
-15dB
00
01
0
0
0
0
-15dB
-
-
-
-
----
-
01
00
1
1
1
0
-78dB
01
00
1
1
1
1
-79dB
X
1
1
X
XXXX
mute
Table 73.
Subaddress 3: Bass (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Table 75.
Subaddress 8: Soft mute, bass, noise blanker time
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Soft mute activation control
0
I2C bus Audio Processor mute ON
(independently of pin Audio Mute)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com