Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Functional description
TDA7513T
38/84
cases the behavior of the noiseblanker can be improved by increasing the threshold even in
a region of higher fieldstrength. Sometimes a wrong triggering occures for the MPX signal
often shows distortion in this range which can be avoided even if using a low threshold.
Because of the overlap of this range and the range of the stereo/mono transition it can be
controlled by stereoblend.
This threshold increase is programmable in 3 steps or switched off.
3.6.2
Over deviation detector
If the system is tuned to stations with a high de-viation the noiseblanker might be
erroneously triggered on the higher frequencies of the modulation. To avoid this
unnecessary muting of the signal, the noiseblanker offers a deviation-dependent threshold
adjustment.
By rectifying the MPX signal a further signal representing the actual deviation is obtained.
This is used to increase the PEAK voltage. The circuit offset, gain (and enabling) are
programmable in 3 steps.
3.7
Multipath detector
Using the stereo decoder multipath detector the audible effects of a multipath condition can
be minimized. A multipath condition is detected by rectifying the 19kHz spectrum in the
fieldstrength signal. An external capacitor is used to define the attack and decay times (see
Figure 20). The pin #MULTIPATHTC is externally connected to a capacitor of about 47nF
and the MPIN signal is internally connected to the unfiltered field strength. To avoid losing
the information stored in the external capacitor during AF checks but at the same time to
allow some fast multipath detection capability during the same AF check period, the external
capacitor is disconnected by the MP-Hold switch. This switch is controlled directly by the pin
#RDSMUTE.
Moreover, selecting the "internal influence" in the configuration byte, the channel separation
is automatically reduced during a multipath condition according to the voltage appearing at
the pin #MULTIPATHTC.
3.7.1
Programming
To obtain a good multipath performance an adaptation is necessary. Therefore tha gain of
the 19kHz bandpass is programmable in four steps as well as the rectifier gain. The attack
and decay times can be set by properly choosing the value of the external capacitor.
3.8
Quality detector
The device offers a quality detector output voltage representing the quality of the FM
reception conditions. This voltage is derived from MPX noise information and multipath
information according to the following formula:
Quality = 1.6 (Vnoise -0.8V)+ a (REF5V- VMPOUT)
The noise signal is the PEAK signal of the noise blanker without additional influences. The
multipath information weight "a" can be programmed between 0.7 and 1.15. The circuit
output pin #QUALITY is a low impedance output able to drive external circuitry as well as
suitable to be simply fed to an A/D converter for RDS applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com