Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Functional description
TDA7513T
34/84
3.4.10
DC Mode
In this mode the DC gain is increased by 5.1dB. In addition the programmed center
frequency and quality factor is decreased by 25%: this can be used to realize different
center frequencies or quality factors with respect to the values listed in the "BASS" section.
3.4.11
MID
There are 3 parameters programmable in the mid filter stage (see
Figure 9, 10 and 11):
3.4.12
Attenuation
Figure 9 shows the attenuation as a function of frequency at a center frequency of 1kHz.
3.4.13
Center frequency
Figure 10 shows the four possible center frequencies: 500Hz, 1kHz, 1.5kHz and 2kHz.
3.4.14
Quality factor
Figure 11 shows the two possible quality factors (1 and 2) at a center frequency of 1kHz.
3.4.15
TREBLE
There are two parameters programmable in the treble filter stage (see
Figure 12, 13):
3.4.16
Attenuation
Figure 12 shows the attenuation as a function of frequency at a center frequency of
17.5kHz.
3.4.17
Center frequency
Figure 13 shows the four possible Center Fre-quencies: 10, 12.5, 15 and 17.5kHz.
3.4.18
AC coupling
In some applications additional signal manipulations are desired such as surround-sound
processing or more extensive band equalizing. For this purpose a AC-Coupling is placed
before the Speaker-attenuators, which can be activated or internally shorted by Bit7 in the
APSD data byte 0. The input impedance of the AC Inputs is 25k
Ω. The external AC coupling
is advised for those applications where very low-level "pop" performance is a must.
3.4.19
Speaker attenuator
The speaker attenuators have exactly the same structure and range as the Volume stage.
3.5
Stereo decoder
The stereo decoder part of the present device (see
Figure 14) contains all functions
necessary to demodulate the MPX signal such as pilot tone-dependent MONO/STEREO
switch as well as "stereoblend" and "highcut" functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com