Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Functional description
TDA7513T
30/84
3.3
PLL and IF counter section
The IC contains a frequency synthesizer and a loop filter for the radio tuning system. Only
one VCO is required to build a complete PLL system for FM and AM upconversion. For auto
search stop operation an IF counter system is available.
3.3.1
PLL frequency synthesizer block
The counter works in a two stages configuration. The first stage is a swallow counter with a
two-modulus (32/33) precounter. The second stage is an 11-bit programmable counter. The
circuit receives the scaling factors for the programmable counters and the values of the
reference frequency via I2C bus. The reference frequency is generated by an adjustable
internal (XTAL) oscillator followed by the reference divider. The reference and step-
frequencies are independently selectable (RC, PC). The phase-frequency detector outputs
switches the programmable current source. The loop filter integrates the latter to a DC
voltage. The current source values is programmable with 6 bits received via I2C bus (A, B,
CURRH, LPF). To minimize the noise induced by the digital part of the system, a special
guard area is implemented. The loop gain can be adjusted for different conditions by setting
the current values of the chargepump generator.
3.3.2
Frequency generation for phase comparison
The VCO signal is fed to a two-modulus counter (32/33) prescaler, which is controlled by a
5-bit divider (A). A 5-bit register (PC0 to PC4) controls this divider. The output of the
prescaler is connected to an 11-bit divider (B), controlled by an 11-bit PC register (PC5 to
PC15).
The following expressions relate the divider output frequency (fSYN, forced by the loop to
equal the reference frequency at the phase comparator input fREF) to the VCO frequency
(fVCO) and to the crystal oscillator frequency (fXTAL):
fXTAL = (R+1) x fREF
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A
≤32; B ≥A
3.3.3
Three state phase comparator
The phase comparator generates a phase error signal according to phase difference
between fSYN and fREF. This phase error signal drives the charge pump current generator.
3.3.4
Charge pump current generator
This system generates correction current pulses with a polarity and a duration dictated by
the phase error signal. The current absolute values are programmable through register A for
high current and register B for low current.
The charge pump operates in high current mode when the phase difference between
between fSYN and fREF is high. The switch back to low current mode can be done either
automatically as a function of the inlock detector output (setting bit LDENA to "1") or via
software.
After reaching a phase difference equivalent to 10-40 ns (programmable) and a delay
multiple of 1/fREF, the chargepump is forced in low current mode. A new PLL divider
programming by I2C bus will switch the chargepump into high current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com