Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Functional description
TDA7513T
32/84
If the comparison result is good the IF counter output changes from LOW to HIGH and is
made available outside at the pin #SD (after a NAND operation with the signal strength
evaluation circuit). The following relationships apply:
tTIM = (IRC + 1) / fOSC
tCNT = (CF + 1697) / fIF (FM mode)
tCNT = (CF + 448) / fIF (AM mode)
where
tTIM = IF timer cycle time (sampling time)
tCNT = IF counter cycle time
Counting succesful:
tCNT - tERR = tTIM = tCNT + tERR
Count failed:
tTIM > tCNT + tERR
tTIM < tCNT - tERR
where
tERR = discrimination window (controlled by the EW registers)
The IF counter can be started only by inlock information from the PLL, and it is enabled by
software (IFENA).
3.3.10
Adjustment of the measurement time and frequency window
The measurement precision is adjustable by controlling the width of the frequency
discrimination window through control registers EW0 to EW2. The center frequency of the
discrimination window is adjustable by the control register CF0 to CF4. The measurement
time per cycle is adjustable by setting the registers IFS0 - IFS2.
3.4
Audio processor
3.4.1
Input multiplexer
CD quasi differential 1
CD quasi differential 2
Stereodecoder input (for both FM and AM signals).
3.4.2
Input stages
The quasi-differential input stages (see
Figure 2.) have been designed to cope with some
CD players in the market having a significant high source impedance which affects strongly
the common-mode rejection of "normal" differential input stages. The additional buffer of the
CD input avoids this drawback and offers the full common-mode rejection even with those
CD players. The quasi-differential input can also be used with normal stereo single-ended
output signal sources such as TAPEOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com