Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics TDA7513T Datasheet HTML 57Page - STMicroelectronics TDA7513T Datasheet HTML 58Page - STMicroelectronics TDA7513T Datasheet HTML 59Page - STMicroelectronics TDA7513T Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
Software specifications
TDA7513T
56/84
Table 46.
Subaddress 12: AM IF amplifier gain
Ultra narrow band AGC threshold, FM Smeter and AC test
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
test FM FS soft mute enable (FM mode)
[bit shared with AM IF AMP Gain]
0
FS Soft mute disabled
1
FS Soft mute enabled
test AC mute (FM mode)
[bit shared with AM IF AMP Gain]
0
test mode FM demod Vout is disconnected
from users
1
no test (std)
AM IF AMP Gain (am mode)
0
0
0
Not used
0
0
1
53.2dB
0
1
0
55.8dB
0
1
1
60.2dB
1
0
0
58.3dB
1
0
1
61.7dB
1
1
0
62.8dB
1
1
1
64.8dB
AM UNAGC enable
1
Enable AM UNAGC
0
Disable AM UNAGC
AM Ultra Narrow Band AGC Threshold
00
00
74.4dBmV @SG
00
01
78.8dBmV @SG
00
10
80.0dBmV @SG
00
11
80.7dBmV @SG 119.5dBmV @
IF2AMPOUT
01
00
53.2dBmV @SG
01
01
77.1dBmV @SG
01
10
78.5dBmV @SG
01
11
79.4dBmV @SG
10
00
42.7dBmV @SG
10
01
65.8dBmV @SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com