Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics TDA7513T Datasheet HTML 25Page - STMicroelectronics TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
TDA7513T
Functional description
27/84
3
Functional description
3.1
FM section
3.1.1
Mixer1, AGC and 1st IF
Mixer1 is a wide dynamic range stage with low noise and large input signal performance.
The mixer1 tank center frequency can be adjusted by software (IF1T). The AGC operates on
different sensitivities and bandwidths (FMAGC) in order to improve the input sensitivity and
dynamic range (keyed AGC). The output signals of AGC are controlled voltage and current
for pre-amplifier and pre-stage PIN diode attenuator. Two 10.7MHz amplifiers (IFG1 - fixed
gain - and IFG2 - programmable) correct the IF ceramic insertion loss.
3.1.2
Mixer2, limiter and demodulator
In this 2nd mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-
stage limiter generates signals for the complete integrated demodulator without external
tank. MPX output DC offset compensation is possible via software.
3.1.3
Quality detection and ISS field strength
Parallel to the mixer2 input a 10.7MHz limiter generates a signal for the digital IF counter
and a fieldstrength output signal. This internal unfiltered fieldstrength is used for adjacent
channel and multipath detection. The behaviour of this output signal can be corrected for DC
offset (SL). The internally generated unfiltered fieldstrength is filtered at pin #SMETERTC
and used for softmute function, FM AGC keying and generation of ISS filter switching signal
for weak input level (sm). (See
Figure 1.)
3.1.4
Adjacent channel detector
The input of the adjacent channel detector is AC coupled to the internal unfiltered
fieldstrength. A programmable and configurable highpass or bandpass filter (ACF) and
amplifier (ACG) followed by a rectifier measure the adjacent channel content. This voltage is
compared with an adjustable threshold (ACWTH, ACNTH) comparator (comparator1). The
output signal of this comparator generates a DC level at PIN15 with a programmable time
constant. Time constant control (TISS) for the adjacent channel is made by linearly charging
and discharging an external capacitor following. The charge current is fixed and the
discharge current is controlled by I2C bus. This level produces digital signals (ac, ac+) after
comparing by the following comparator4. The adjacent channel information after filtering
and rectification is available as analog output on pin #TUNQUALITY (the gain can be
selected via I2C bus) in combination with multipath content information. It is possible to
enable adjacent channel content information output only via I2C bus control.
3.1.5
Multipath detector
The input of the multipath detector is AC coupled to the internal unfiltered fieldstrength. A
programmable band-pass filter (MPF) and amplifier (MPG) followed by a rectifier measures
the multipath content. This voltage is compared with an adjustable threshold (MPTH)
comparator (comparator2). The output signal of this comparator2 is used to disable the
adjacent channel detector control of the ISS filter in case of strong multipath, which would
otherwise result in bandwidth reduction because of the multipath-induced high-frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com