Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
TDA7513T
Functional description
35/84
3.5.1
Stereo decoder mute
The device has a fast and easy-to-control RDS mute function meant for "freezing" the stereo
decoder status during the RDS AF check time period. When this function is invoked three
effects take place:
1.
The stereo decoder input impedance changes to infinity (condition known as high-
ohmic input); this prevents the decoupling capacitor between the pins #TUNER_OUT
(tuner output) and #TUNER_IN (stereo decoder input) to be discharged by a channel
with a potentially different DC output for the duration of the AF check;
2.
The stereo decoder PLL pilot detector is held at the current value;
3.
The external capacitor of the multipath detector used inside the stereo decoder for
quality control is disconnected from the dection circuit in order to make quality
checking the AF faster.
The RDS mute is activated from pin #RDSMUTE in AND with Bit 0 of APSD data byte 9.
3.5.2
Stereo decoder Input stage, Ingain + Infilter
The stereo decoder is crossed by both the FM and the AM signal: the input impedance of
the pin #TUNER_IN is different between the two modes in order to allow the same external
coupling components between #TUNER_OUT and #TUNER_IN to realize different filtering
functions. Whilst the input impedence in FM is 100k , in AM the input impedance is
decreased to 2k
Ω: this allows the realization of typical high-pass filters with a corner
frequency of 70Hz for AM and less than 5Hz for FM. The low-pass section of the typical AM
transfer function is realized by use of the internal FM High-Cut filter.
The Ingain stage allows to adjust the MPX signal to a magnitude of about 1Vrms internally
which is the recommended value. The 4th order input filter has a corner frequency of 80kHz
and is used to attenuate spikes and nose and acts as an anti aliasing filter for the following
switch capacitor filters.
3.5.3
Demodulator
In the demodulator block the left and the right channel are separated from the MPX signal.
In this stage the 19 kHz pilot tone is cancelled.
To reach a good channel separation the device offers an I2C bus programmable roll-off
adjustment which is able to finely compensate for the low-pass behaviour of the tuner
section. An adjustment to better than 40dB channel separation is possible. The bits for this
adjustment are located ogether with the fieldstrength adjustment in one byte. This gives the
possibility to perform an optimization step during the production of the carradio where the
channel separation in relation to the fieldstrength control are trimmed.
The setup of the Stereoblend characteristics, which is fully programmable, is de-scribed in
Chapter 3.5.8.
3.5.4
De-emphasis and highcut.
One filter is provided to realize de-emphasis and High-Cut filtering.
The lowpass filter for the de-emphasis allows to choose between a time constant of 50
μs
and 75
μs.
The filter time constant can further be controlled in both cases over the range = 2 DEEMPH.
The control is automatically performed as a function of the filtered field strength level: inside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com