Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics TDA7513T Datasheet HTML 25Page - STMicroelectronics TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
TDA7513T
Electrical characteristcs
25/84
VRECT
DEV
Deviation dependent
rectifier Voltage (5)
Meas. with VMPX =
800mV (75KHz
dev.)
OVD = 11
0.5
0.9
1.3
V
OVD = 10
0.9
1.2
1.5
V
OVD = 01
1.7
2
2.3
V
OVD = 00
2.5
2.8
3.1
V
VRECT FS
Fieldstrength
Controlled Rectifier
Voltage (6)
Rectifier Voltage 4)
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration (7)
Signal HOLDN
in Testmode
BLT = 00
38
μs
BLT = 10
32
μs
BLT = 01
25.5
μs
BLT = 00
22
μs
VRECTADJ
Noise Rectifier
discharge
adjustment (8)
Signal PEAK in
Testmode
NRD = 00 (8)
(3)
0.3
(3)
V/ms
NRD = 01 (8)
(3)
0.8
(3)
V/ms
NRD = 10 (8)
(3)
1.3
(3)
V/ms
NRD = 11 (8)
(3)
2
(3)
V/ms
SRPEAK
Noise Rectifier
Charge
Signal PEAK in
Testmode
PCH = 0 (9)
(3)
10
(3)
mV/
μs
PCH = 1 (9)
(3)
20
(3)
mV/
μs
VADJMP
Noise Rectifier
adjustment through
Multipath (10)
Signal PEAK in
Testmode
MPNB = 00 (10)
(3)
0.3
(3)
V/ms
MPNB = 00 (10)
(3)
0.5
(3)
V/ms
MPNB = 00 (10)
(3)
0.7
(3)
V/ms
MPNB = 00 (10)
(3)
0.9
(3)
V/ms
1.
All thresholds are measured using a pulse with TR =2ms,THIGH = 2ms and TF = 10ms. The repetition rate must not
icrease the PEAK voltage.
2.
NBT represents the noiseblanker byte bits D2, D0 for the noise blanker trigger threshold.
3.
By design/characterization functionally guaranteed through dedicated test mode structure.
4.
NAT represents the noiseblanker byte bit pair D4, D3 for the noise controlled trigger adjustment.
5.
OVD represents the noiseblanker byte bit pair D7, D6 for the over deviation detector.
6.
FSC represents the fieldstrength byte bit pair D1, D0 for the fieldstrength control.
7.
BLT represents the speaker RR byte bit pair D7, D6 for the blanktime adjustment.
8.
NRD represents the configuration byte bit pair D1, D0 for the noise rectifier discharge adjustment.
9.
PCH represents the stereo decoder byte bit D5 for the noise rectifier charge current adjustment.
10. MPNB represents the highcut byte bit D7 and the field strength byte D7 for the noise rectifier multipath adjustment
Table 26.
Noise blanker (continued)
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com